Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STGB10NC60K Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części STGB10NC60K
Szczegółowy opis  N-channel 600V - 10A - D2PAK / TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB10NC60K Arkusz danych(HTML) 3 Page - STMicroelectronics

  STGB10NC60K_07 Datasheet HTML 1Page - STMicroelectronics STGB10NC60K_07 Datasheet HTML 2Page - STMicroelectronics STGB10NC60K_07 Datasheet HTML 3Page - STMicroelectronics STGB10NC60K_07 Datasheet HTML 4Page - STMicroelectronics STGB10NC60K_07 Datasheet HTML 5Page - STMicroelectronics STGB10NC60K_07 Datasheet HTML 6Page - STMicroelectronics STGB10NC60K_07 Datasheet HTML 7Page - STMicroelectronics STGB10NC60K_07 Datasheet HTML 8Page - STMicroelectronics STGB10NC60K_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
STGB10NC60K - STGP10NC60K - STGD10NC60K
Electrical ratings
3/17
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCES
Collector-emitter voltage (VGS = 0)
600
V
IC
(1)
1.
Calculated according to the iterative formula:
Collector current (continuous) at TC = 25°C
20
A
IC
(1)
Collector current (continuous) at TC = 100°C
10
A
ICM
(2)
2.
Pulse width limited by max junction temperature
Collector current (pulsed)
30
A
VGE
Gate-emitter voltage
±20
V
PTOT
Total dissipation at TC = 25°C
60
W
Tstg
Storage temperature
– 55 to 150
°C
Tj
Operating junction temperature
Tscw
Short circuit withstand time
10
µs
Tl
Maximum lead temperature for soldering purpose
(for 10sec. 1.6 mm from case)
300
°C
Table 2.
Thermal resistance
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case Max
2.08
°C/W
Rthj-amb
Thermal resistance junction-ambient Max
62.5
°C/W
I
C
T
C
()
T
JMAX
T
C
R
THJ
C
V
CESAT MAX
()
T
C
I
C
,
()
×
------------------------------------------------------------------------------------------------------
=


Podobny numer części - STGB10NC60K_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STGB10NC60KD STMICROELECTRONICS-STGB10NC60KD Datasheet
379Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH IGBT
STGB10NC60KD STMICROELECTRONICS-STGB10NC60KD Datasheet
526Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH TM IGBT
STGB10NC60KD STMICROELECTRONICS-STGB10NC60KD Datasheet
613Kb / 20P
   10 A, 600 V short-circuit rugged IGBT
STGB10NC60KDT4 STMICROELECTRONICS-STGB10NC60KDT4 Datasheet
379Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH IGBT
STGB10NC60KDT4 STMICROELECTRONICS-STGB10NC60KDT4 Datasheet
526Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH TM IGBT
More results

Podobny opis - STGB10NC60K_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STGF10NC60KD STMICROELECTRONICS-STGF10NC60KD_07 Datasheet
526Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH TM IGBT
STGD10NC60KD STMICROELECTRONICS-STGD10NC60KD Datasheet
467Kb / 15P
   N-channel 600V - 10A - DPAK Short circuit rated PowerMESH TM IGBT
STGB14NC60K STMICROELECTRONICS-STGB14NC60K_06 Datasheet
435Kb / 16P
   N-channel 14A - 600V -DPAK - D2PAK Short circuit rated PowerMESH TM IGBT
STGB8NC60K STMICROELECTRONICS-STGB8NC60K Datasheet
448Kb / 17P
   N-channel 600V - 8A - D2PAK / DPAK / TO-220 Short circuit rated PowerMESH IGBT
STGD7NB60K STMICROELECTRONICS-STGD7NB60K_07 Datasheet
341Kb / 15P
   N-channel 600V - 7A - TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
STGP7NB60K STMICROELECTRONICS-STGP7NB60K_07 Datasheet
341Kb / 15P
   N-channel 600V - 7A - TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
STGP10NC60KD STMICROELECTRONICS-STGP10NC60KD Datasheet
379Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH IGBT
STGB14NC60KD STMICROELECTRONICS-STGB14NC60KD_06 Datasheet
833Kb / 17P
   N-channel 14A - 600V - TO-220 - TO-220FP - D2PAK Short circuit rated PowerMESH TM IGBT
STGP7NB60KD STMICROELECTRONICS-STGP7NB60KD Datasheet
330Kb / 12P
   N-CHANNEL 7A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH TM IGBT
STGP10NB60S STMICROELECTRONICS-STGP10NB60S_05 Datasheet
387Kb / 13P
   N-CHANNEL 10A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com