Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M27C64A-10F6 Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części M27C64A-10F6
Szczegółowy opis  64 Kbit (8Kb x8) UV EPROM and OTP EPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C64A-10F6 Arkusz danych(HTML) 1 Page - STMicroelectronics

  M27C64A-10F6 Datasheet HTML 1Page - STMicroelectronics M27C64A-10F6 Datasheet HTML 2Page - STMicroelectronics M27C64A-10F6 Datasheet HTML 3Page - STMicroelectronics M27C64A-10F6 Datasheet HTML 4Page - STMicroelectronics M27C64A-10F6 Datasheet HTML 5Page - STMicroelectronics M27C64A-10F6 Datasheet HTML 6Page - STMicroelectronics M27C64A-10F6 Datasheet HTML 7Page - STMicroelectronics M27C64A-10F6 Datasheet HTML 8Page - STMicroelectronics M27C64A-10F6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
April 2006
Rev 3
1/22
1
M27C64A
64 Kbit (8Kb x8) UV EPROM and OTP EPROM
Feature summary
5V ± 10% supply voltage in Read operation
Access time: 100ns
Low power “CMOS” consumption:
– Active Current 30mA
– Standby Current 100µA
Programming voltage: 12.5V ± 0.25V
High speed programming
(less than 1 minute)
Electronic signature
– Manufacturer Code: 9Bh
– Device Code: 08h
ECOPACK® packages available
1
28
FDIP28W (F)
PLCC32 (K)
www.st.com


Podobny numer części - M27C64A-10F6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M27C64A-15C1TR STMICROELECTRONICS-M27C64A-15C1TR Datasheet
105Kb / 12P
   64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
March 1998
M27C64A-15C1TR STMICROELECTRONICS-M27C64A-15C1TR Datasheet
99Kb / 11P
   64K (8K x 8) UV EPROM and OTP ROM
M27C64A-15C1X STMICROELECTRONICS-M27C64A-15C1X Datasheet
105Kb / 12P
   64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
March 1998
M27C64A-15C1X STMICROELECTRONICS-M27C64A-15C1X Datasheet
99Kb / 11P
   64K (8K x 8) UV EPROM and OTP ROM
M27C64A-15C6TR STMICROELECTRONICS-M27C64A-15C6TR Datasheet
105Kb / 12P
   64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
March 1998
More results

Podobny opis - M27C64A-10F6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M27C64A STMICROELECTRONICS-M27C64A Datasheet
105Kb / 12P
   64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
March 1998
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512 STMICROELECTRONICS-M27C512 Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27W512-100K6 STMICROELECTRONICS-M27W512-100K6 Datasheet
369Kb / 21P
   512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
M27V512 STMICROELECTRONICS-M27V512 Datasheet
108Kb / 16P
   512 Kbit (64Kb x8) Low Voltage UV EPROM and OTP EPROM
May 1998
M87C257 STMICROELECTRONICS-M87C257_06 Datasheet
164Kb / 22P
   Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
M27W512 STMICROELECTRONICS-M27W512 Datasheet
108Kb / 16P
   512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
M27W512 STMICROELECTRONICS-M27W512_08 Datasheet
187Kb / 22P
   512 Kbit (64 Kbit x8) low-voltage OTP EPROM
June 2008 Rev 4
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com