Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STP08IE120F4 Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części STP08IE120F4
Szczegółowy opis  Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP08IE120F4 Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button STP08IE120F4 Datasheet HTML 3Page - STMicroelectronics STP08IE120F4 Datasheet HTML 4Page - STMicroelectronics STP08IE120F4 Datasheet HTML 5Page - STMicroelectronics STP08IE120F4 Datasheet HTML 6Page - STMicroelectronics STP08IE120F4 Datasheet HTML 7Page - STMicroelectronics STP08IE120F4 Datasheet HTML 8Page - STMicroelectronics STP08IE120F4 Datasheet HTML 9Page - STMicroelectronics STP08IE120F4 Datasheet HTML 10Page - STMicroelectronics STP08IE120F4 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Revision history
STP08IE120F4
10/11
4
Revision history
Table 4.
Revision history
Date
Revision
Changes
28-Nov-2006
1
Initial release.


Podobny numer części - STP08IE120F4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STP08C596 STMICROELECTRONICS-STP08C596 Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
STP08C596B1 STMICROELECTRONICS-STP08C596B1 Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
STP08C596M STMICROELECTRONICS-STP08C596M Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
STP08C596MTR STMICROELECTRONICS-STP08C596MTR Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
STP08C596TTR STMICROELECTRONICS-STP08C596TTR Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
More results

Podobny opis - STP08IE120F4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STC08IE120HV STMICROELECTRONICS-STC08IE120HV Datasheet
268Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STC08IE120HP STMICROELECTRONICS-STC08IE120HP Datasheet
295Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STC08IE150HV STMICROELECTRONICS-STC08IE150HV Datasheet
120Kb / 7P
   Emitter Switched Bipolar Transistor ESBT 1500 V - 8A - 0.10 ohm
STC05DE150 STMICROELECTRONICS-STC05DE150 Datasheet
165Kb / 4P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 5 A - 0.10 ohm
STC08DE150HV STMICROELECTRONICS-STC08DE150HV Datasheet
270Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
STC08DE150HP STMICROELECTRONICS-STC08DE150HP Datasheet
297Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
October 2006 Rev 1
STC08IE150HV STMICROELECTRONICS-STC08IE150HV_07 Datasheet
276Kb / 11P
   Emitter switched bipolar transistor ESBT 1500V - 8A - 0.08?
STC12IE90HV STMICROELECTRONICS-STC12IE90HV Datasheet
242Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 900 V - 12A - 0.083 ohm
STP12IE90F4 STMICROELECTRONICS-STP12IE90F4 Datasheet
274Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 900 V - 12A - 0.083 ohm
STP12IE95F4 STMICROELECTRONICS-STP12IE95F4 Datasheet
275Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 950 V - 12A - 0.083 ohm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com