Zakładka z wyszukiwarką danych komponentów |
|
SN74AVCA406LGXYR Arkusz danych(PDF) 10 Page - Texas Instruments |
|
SN74AVCA406LGXYR Arkusz danych(HTML) 10 Page - Texas Instruments |
10 / 20 page www.ti.com Switching Characteristics Switching Characteristics SN74AVCA406L MMC, SD CARD, Memory Stick™ VOLTAGE-TRANSLATION TRANSCEIVER SCES634B – JANUARY 2006 – REVISED JUNE 2006 over recommended operating free-air temperature range, V CCA = 1.8 V ± 0.15 V (see Figure 2) VCCB = VCCB = 1.5 V VCCB = 1.8 V VCCB = 2.5 V VCCB = 3 V VCCB = 3.3 V FROM TO 1.2 V ± 0.1 V ± 0.15 V ± 0.2 V ± 0.3 V ± 0.3 V PARAMETER UNIT (INPUT) (OUTPUT) TYP MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX A B 3.2 1 5.2 0.8 4.4 0.7 3.5 0.6 3.4 0.7 3.1 B A 3.4 1.1 5.2 1 4.8 0.9 4.3 0.3 4.3 0.2 4.3 CLKB 3.2 1 5.2 0.8 4.4 0.7 3.5 0.6 3.4 0.7 3.1 tpd CLKA ns CLK-f 6.5 2.1 10.4 1.8 9.1 1.7 7.8 0.9 7.7 0.9 7.4 CMDA CMDB 3.2 1 5.2 0.8 4.4 0.7 3.5 0.6 3.4 0.7 3.1 CMDB CMDA 3.4 1.1 5.2 1 4.8 0.9 4.3 0.3 4.3 0.2 4.3 B 3.5 1.2 6.8 0.9 6 0.7 5.1 0.7 5 0.7 4.8 ten(1) DIR ns A 2.9 1.1 4.7 1.1 5.2 1.4 5.1 1.4 5.1 1.4 5.3 B 5.3 1.6 8.4 2 9.5 1.6 8.2 1.4 8.1 2.2 8.2 tdis(1) DIR ns A 3.6 1.3 7.7 1.2 7.9 1.3 7.5 1.3 7.5 1.3 7.6 (1) DIR refers to CMD-dir, DAT0-dir, and DAT123-dir. over recommended operating free-air temperature range, V CCA = 2.5 V ± 0.2 V (see Figure 2) VCCB = VCCB = 1.5 V VCCB = 1.8 V VCCB = 2.5 V VCCB = 3 V VCCB = 3.3 V FROM TO 1.2 V ± 0.1 V ± 0.15 V ± 0.2 V ± 0.3 V ± 0.3 V PARAMETER UNIT (INPUT) (OUTPUT) TYP MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX A B 3 0.8 4.7 0.7 3.8 0.6 2.9 0.4 2.7 0.5 2.5 B A 3 0.9 4.4 0.7 3.9 0.6 3.3 0.3 3.2 0.3 3.2 CLKB 3 0.8 4.7 0.7 3.8 0.6 2.9 0.4 2.7 0.5 2.5 tpd CLKA ns CLK-f 6 1.7 9.1 1.4 7.7 1.1 6.2 0.7 5.9 0.8 5.7 CMDA CMDB 3 0.8 4.7 0.7 3.8 0.6 2.9 0.4 2.7 0.5 2.5 CMDB CMDA 3 0.9 4.4 0.7 3.9 0.6 3.3 0.3 3.2 0.3 3.2 B 3.1 1 5.7 0.8 4.8 0.5 3.9 0.5 3.7 0.5 3.6 ten(1) DIR ns A 2.2 0.7 3.5 0.6 4.3 1.2 4.4 0.7 4.6 0.4 4.7 B 4.6 1.4 7.6 1.8 8.4 1.3 7.2 1.3 7.1 2 7.5 tdis DIR ns A 2.6 0.9 5.6 0.9 5.4 1 5.5 0.9 5.5 0.9 5.8 (1) DIR refers to CMD-dir, DAT0-dir, and DAT123-dir. 10 Submit Documentation Feedback |
Podobny numer części - SN74AVCA406LGXYR |
|
Podobny opis - SN74AVCA406LGXYR |