Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74GTL16616DL Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części SN74GTL16616DL
Szczegółowy opis  17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74GTL16616DL Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button SN74GTL16616DL Datasheet HTML 3Page - Texas Instruments SN74GTL16616DL Datasheet HTML 4Page - Texas Instruments SN74GTL16616DL Datasheet HTML 5Page - Texas Instruments SN74GTL16616DL Datasheet HTML 6Page - Texas Instruments SN74GTL16616DL Datasheet HTML 7Page - Texas Instruments SN74GTL16616DL Datasheet HTML 8Page - Texas Instruments SN74GTL16616DL Datasheet HTML 9Page - Texas Instruments SN74GTL16616DL Datasheet HTML 10Page - Texas Instruments SN74GTL16616DL Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
www.ti.com
Switching Characteristics
SN74GTL16616
17-BIT LVTTL-TO-GTL/GTL+ UNIVERSAL BUS TRANSCEIVER
WITH BUFFERED CLOCK OUTPUTS
SCBS481H – JUNE 1994 – REVISED APRIL 2005
over recommended ranges of supply voltage and operating free-air temperature,
V
TT = 1.2 V and VREF = 0.8 V for GTL (see Figure 1)
FROM
TO
PARAMETER
MIN TYP(1)
MAX
UNIT
(INPUT)
(OUTPUT)
fmax
95
MHz
tPLH
1.7
3
4.4
A
B
ns
tPHL
1.4
2.8
4.5
tPLH
2.3
3.8
5.4
LEAB
B
ns
tPHL
2.2
3.7
5.3
tPLH
2.4
4
5.7
CLKAB
B
ns
tPHL
2.1
3.7
5.4
tPLH
4.7
6.1
8.1
CLKAB
CLKOUT
ns
tPHL
5.7
7.9
11.3
tPHL
2.1
3.6
5.1
OEAB
B or CLKOUT
ns
tPLH
2.1
3.8
5.6
tr
Transition time, B outputs (0.5 V to 1 V)
1.2
ns
tf
Transition time, B outputs (1 V to 0.5 V)
0.7
ns
tPLH
1.7
4
6.7
B
A
ns
tPHL
1.4
2.9
4.7
tPLH
2.4
3.8
5.8
LEBA
A
ns
tPHL
2
3
4.6
tPLH
2.6
4
6
CLKBA
A
ns
tPHL
2.2
3.4
4.9
tPLH
7.4
10
14.4
CLKOUT
CLKIN
ns
tPHL
6.1
8.1
11.7
ten
2.8
5.3
7.8
OEBA
A or CLKIN
ns
tdis
2.7
4.3
6.4
(1)
All typical values are at VCC (3.3 V) = 3.3 V, VCC (5 V) = 5 V, TA = 25°C.
7


Podobny numer części - SN74GTL16616DL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74GTL16616DL TI-SN74GTL16616DL Datasheet
175Kb / 11P
[Old version datasheet]   17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH BUFFERED CLOCK OUTPUTS
More results

Podobny opis - SN74GTL16616DL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54GTL16616 TI-SN54GTL16616 Datasheet
175Kb / 11P
[Old version datasheet]   17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH BUFFERED CLOCK OUTPUTS
SN74GTL1655DGGR TI-SN74GTL1655DGGR Datasheet
461Kb / 17P
[Old version datasheet]   16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVER WITH LIVE INSERTION
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN54GTL16612 TI-SN54GTL16612 Datasheet
193Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
SN74GTL16923 TI-SN74GTL16923 Datasheet
175Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_07 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
logo
NXP Semiconductors
GTL1655DGG PHILIPS-GTL1655DGG Datasheet
127Kb / 23P
   16-bit LVTTL-to-GTL/GTL bus transceiver with live insertion
Rev. 01-11 May 2004
logo
Texas Instruments
SN54GTL1655 TI-SN54GTL1655 Datasheet
266Kb / 16P
[Old version datasheet]   16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
logo
NXP Semiconductors
GTL1655 NXP-GTL1655 Datasheet
133Kb / 23P
   16-bit LVTTL-to-GTL/GTL bus transceiver with live insertion
Rev. 01 - 11 May 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com