Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA4411 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części TPA4411
Szczegółowy opis  80-mW DIRECTPATH STEREO HEADPHONE DRIVER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA4411 Arkusz danych(HTML) 1 Page - Texas Instruments

  TPA4411_07 Datasheet HTML 1Page - Texas Instruments TPA4411_07 Datasheet HTML 2Page - Texas Instruments TPA4411_07 Datasheet HTML 3Page - Texas Instruments TPA4411_07 Datasheet HTML 4Page - Texas Instruments TPA4411_07 Datasheet HTML 5Page - Texas Instruments TPA4411_07 Datasheet HTML 6Page - Texas Instruments TPA4411_07 Datasheet HTML 7Page - Texas Instruments TPA4411_07 Datasheet HTML 8Page - Texas Instruments TPA4411_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
www.ti.com
FEATURES
15
14
13
12
11
5
4
3
2
1
TPA4411RTJ
INR
INL
PGND
OUTL
PVSS
SVSS
C1N
PVDD
SGND
A1
B1
C1
D1
A2
A3
A4
SDL
SVDD
C1P
SDR
NC
NC
OUTR
TPA4411YZH
15
14
13
12
11
5
4
3
2
1
TPA4411MRTJ
DESCRIPTION
APPLICATIONS
TPA4411
TPA4411M
SLOS430C – AUGUST 2004 – REVISED DECEMBER 2006
80-mW DIRECTPATH™ STEREO HEADPHONE DRIVER
• Space Saving Packages
20-Pin, 4 mm
× 4 mm Thin QFN
TPA4411 – Thermally Optimized
PowerPAD™ Package
TPA4411M – Thermally Enhanced
PowerPAD™ Package
16-Ball, 2.18 mm
× 2.18 mm WCSP
• Ground-Referenced Outputs Eliminate
DC-Bias Voltages on Headphone Ground Pin
No Output DC-Blocking Capacitors
Reduced Board Area
Reduced Component Cost
Improved THD+N Performance
No Degradation of Low-Frequency
Response Due to Output Capacitors
• Wide Power Supply Range: 1.8 V to 4.5 V
• 80-mW/Ch Output Power into 16-Ω at 4.5 V
• Independent Right and Left Channel
Shutdown Control
• Short-Circuit and Thermal Protection
The TPA4411 and TPA4411M are stereo headphone
• Pop Reduction Circuitry
drivers designed to allow the removal of the output
DC-blocking capacitors for reduced component count
and cost. The TPA4411 and TPA4411M are ideal for
small portable electronics where size and cost are
• Notebook Computers
critical design parameters.
• CD / MP3 Players
The TPA4411 and TPA4411M are capable of driving
• Smart Phones
80 mW into a 16-
Ω load at 4.5 V. Both TPA4411 and
• Cellular Phones
TPA4411M have a fixed gain of –1.5 V/V and
• PDAs
headphone outputs that have
±8-kV IEC ESD
protection. The TPA4411 and TPA4411M have
independent shutdown control for the right and left
audio channels.
The TPA4411 is available in a 2.18 mm
× 2.18 mm
WCSP and 4 mm
× 4 mm Thin QFN packages. The
TPA4411M is available in a 4 mm
× 4 mm Thin QFN
package. The TPA4411RTJ package is a thermally
optimized
PowerPAD™
package
allowing
the
maximum amount of thermal dissipation and the
TPA4411MRTJ is a thermally enhanced PowerPAD
package designed to match competitive package
footprints.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD, DirectPath are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - TPA4411_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TEXAS ADVANCED OPTOELEC...
TPA4411M TAOS-TPA4411M Datasheet
1Mb / 30P
   80-mW DIRECTPATH??STEREO HEADPHONE DRIVER
logo
Texas Instruments
TPA4411RTJ TI-TPA4411RTJ Datasheet
859Kb / 21P
[Old version datasheet]   80-mW CAPLESS STEREO HEADPHONE DRIVER
TPA4411YZH TI-TPA4411YZH Datasheet
859Kb / 21P
[Old version datasheet]   80-mW CAPLESS STEREO HEADPHONE DRIVER
More results

Podobny opis - TPA4411_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TEXAS ADVANCED OPTOELEC...
TPA4411 TAOS-TPA4411 Datasheet
1Mb / 30P
   80-mW DIRECTPATH??STEREO HEADPHONE DRIVER
logo
Texas Instruments
TPA4411 TI-TPA4411 Datasheet
859Kb / 21P
[Old version datasheet]   80-mW CAPLESS STEREO HEADPHONE DRIVER
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6132A2 TI1-TPA6132A2_17 Datasheet
1Mb / 28P
[Old version datasheet]   25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
TPA6136A2 TI-TPA6136A2 Datasheet
921Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com