Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS4124 Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części CS4124
Szczegółowy opis  High Side PWM FET Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS4124 Arkusz danych(HTML) 7 Page - ON Semiconductor

Back Button CS4124 Datasheet HTML 3Page - ON Semiconductor CS4124 Datasheet HTML 4Page - ON Semiconductor CS4124 Datasheet HTML 5Page - ON Semiconductor CS4124 Datasheet HTML 6Page - ON Semiconductor CS4124 Datasheet HTML 7Page - ON Semiconductor CS4124 Datasheet HTML 8Page - ON Semiconductor CS4124 Datasheet HTML 9Page - ON Semiconductor CS4124 Datasheet HTML 10Page - ON Semiconductor CS4124 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CS4124
http://onsemi.com
7
APPLICATIONS INFORMATION
THEORY OF OPERATION
Oscillator
The IC sets up a constant frequency triangle wave at the
COSC lead whose frequency is related to the external
components ROSC and COSC, by the following equation:
Frequency
+
0.83
ROSC
COSC
The peak and valley of the triangle wave are proportional
to VCC by the following:
VVALLEY + 0.1
VCC
VPEAK + 0.7
VCC
This is required to make the voltage compensation
function properly. In order to keep the frequency of the
oscillator constant the current that charges COSC must also
vary with supply. ROSC sets up the current which charges
COSC. The voltage across ROSC is 50% of VCC and
therefore:
IROSC + 0.5
VCC
ROSC
IROSC is multiplied by (2) internally and transferred to the
COSC lead. Therefore:
ICOSC +"
VCC
ROSC
The period of the oscillator is:
T
+ 2COSC
VPEAK * VVALLEY
ICOSC
The ROSC and COSC components can be varied to create
frequencies over the range of 15 Hz to 25 kHz. With the
suggested values of 93.1 k
Ω and 470 pF for ROSC and COSC,
the nominal frequency will be approximately 20 kHz.
IROSC, at VCC = 14 V, will be 66.7 µA. IROSC should not
change over a more than 2:1 ratio and therefore COSC should
be changed to adjust the oscillator frequency.
Voltage Duty Cycle Conversion
The IC translates an input voltage at the CTL lead into a
duty cycle at the OUTPUT lead. The transfer function
incorporates
ON
Semiconductor’s
patented
Voltage
Compensation method to keep the average voltage and
current across the load constant regardless of fluctuations in
the supply voltage. The duty cycle is varied based upon the
input voltage and supply voltage by the following equation:
Duty Cycle
+ 100%
2.8
VCTL
VCC
An internal DC voltage equal to:
VDC + (1.683
VCTL) ) VVALLEY
is compared to the oscillator voltage to produce the
compensated duty cycle. The transfer is set up so that when
VCC = 14 V the duty cycle will equal VCTL divided by VREG.
For example at VCC = 14 V, VREG = 5.0 V and VCTL = 2.5 V,
the duty cycle would be 50% at the output. This would place
a 7.0 V average voltage across the load. If VCC then drops
to 10 V, the IC would change the duty cycle to 70% and
hence keep the average load voltage at 7.0 V.
10
20
30
40
50
60
70
80
90
CTL Voltage (% of VREG)
Figure 7. Voltage Compensation
100
0
20
40
60
80
100
120
VCC = 8.0 V
VCC = 14 V
VCC = 16 V
5.0 V Linear Regulator
There is a 5.0 V, 5.0 mA linear regulator available at the
VREG lead for external use. This voltage acts as a reference
for many internal and external functions. It has a drop out of
approximately 1.5 V at room temperature.
Current Sense and Timer
The IC differentially monitors the load current on a cycle
by cycle basis at the ISENSE+ and ISENSE– leads. The
differential voltage across these two leads is amplified
internally and compared to the voltage at the IADJ lead. The
gain, AV is set internally and externally by the following
equation:
AV +
VI(ADJ)
ISENSE
) * ISENSE*
+
37000
1000
) RCS
The current limit (ILIM) is set by the external current sense
resistor (RSENSE) placed across the ISENSE+ and ISENSE–
terminals and the voltage at the IADJ lead.
ILIM +
1000
) RCS
37000
VI(ADJ)
RSENSE
The RCS resistors and CCS components form a differential
low pass filter which filters out high frequency noise
generated by the switching of the external MOSFET and the
associated lead noise. RCS also forms an error term in the
gain of the ILIM equation because the ISENSE+ and ISENSE–
leads are low impedance inputs thereby creating a good
current sensing amplifier. Both leads source 50
µA while the
chip is in run mode. IADJ should be biased between 1.0 V and
4.0 V. When the current through the external MOSFET
exceeds ILIM, an internal latch is set and the output pulls the
gate of the MOSFET low for the remainder of the oscillator
cycle (fault mode). At the start of the next cycle, the latch is


Podobny numer części - CS4124

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cherry Semiconductor Co...
CS4124 CHERRY-CS4124 Datasheet
149Kb / 6P
   High Side PWM FET Controller
logo
Power Analog Micoelectr...
CS412499C PAM-CS412499C Datasheet
463Kb / 5P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 100 Amperes / 2000 to 2500 Volts
logo
Cherry Semiconductor Co...
CS4124YN16 CHERRY-CS4124YN16 Datasheet
149Kb / 6P
   High Side PWM FET Controller
More results

Podobny opis - CS4124

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cherry Semiconductor Co...
CS4124 CHERRY-CS4124 Datasheet
149Kb / 6P
   High Side PWM FET Controller
CS7054 CHERRY-CS7054 Datasheet
143Kb / 6P
   Low Side PWM FET Controller
logo
ON Semiconductor
CS7054 ONSEMI-CS7054 Datasheet
91Kb / 12P
   Low Side PWM FET Controller
January, 2001 ??Rev. 12
logo
Microchip Technology
MCP1632 MICROCHIP-MCP1632_14 Datasheet
831Kb / 34P
   High-Speed, Low-Side PWM Controller
10/28/13
MCP1632 MICROCHIP-MCP1632 Datasheet
831Kb / 34P
   High-Speed, Low-Side PWM Controller
10/28/13
logo
Texas Instruments
UC1548 TI1-UC1548_08 Datasheet
372Kb / 10P
[Old version datasheet]   Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
   Primary Side PWM Controller
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
[Old version datasheet]   Primary Side PWM Controller
logo
National Semiconductor ...
LM3101 NSC-LM3101 Datasheet
306Kb / 20P
   Secondary-Side PWM Controller
logo
List of Unclassifed Man...
AS2208 ETC-AS2208 Datasheet
32Kb / 6P
   Primary Side PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com