Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS4192XDWF16G Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części CS4192XDWF16G
Szczegółowy opis  Single Air?묬ore Gauge Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS4192XDWF16G Arkusz danych(HTML) 6 Page - ON Semiconductor

  CS4192XDWF16G Datasheet HTML 1Page - ON Semiconductor CS4192XDWF16G Datasheet HTML 2Page - ON Semiconductor CS4192XDWF16G Datasheet HTML 3Page - ON Semiconductor CS4192XDWF16G Datasheet HTML 4Page - ON Semiconductor CS4192XDWF16G Datasheet HTML 5Page - ON Semiconductor CS4192XDWF16G Datasheet HTML 6Page - ON Semiconductor CS4192XDWF16G Datasheet HTML 7Page - ON Semiconductor CS4192XDWF16G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CS4192
http://onsemi.com
6
II
I
III
IV
270
°
VSIN−
VSIN+
90
°
VCOS−
VCOS+
180
°
360/0
°
0.748 VBB
0.748 VBB
0.748 VBB
0.748 VBB
q
Figure 3. Gauge Response
To drive the gauge’s pointer to a particular angle, the
microcontroller sends a 10−bit digital word into the serial
port. These 10 bits are divided as shown in Figure 4.
Gauge
(360
°)
MSB
LSB
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
D9−D7 select
which octant
Divides a 45
° octant into 128 equal parts to
achieve a 0.35
° resolution Code 0−12710
Figure 4. Definition of Serial Word
However, from a software programmers viewpoint, a
360
° circle is divided into 1024 equal parts of 0.35° each.
Table 1 shows the data associated with the 45
° divisions of
the 360
° driver.
Table1. Nominal Output (VBB = 14 V)
Input Code
(Decimal)
Ideal
Degrees
Nominal
Degrees
VSIN
(V)
VCOS
(V)
0
0
0.176
0.032
10.476
128
45
45.176
10.476
10.412
256
90
90.176
10.476
−0.032
384
135
135.176
10.412
−10.476
512
180
180.176
−0.032
−10.476
640
225
225.176
−10.476
−10.412
768
270
270.176
−10.476
0.032
896
315
315.176
−10.476
10.476
1023
359.65
359.826
−0.032
10.476
The 10 bits are shifted into the device’s shift register MSB
first using an SPI compatible scheme. This method is shown
in Figure 5. The CS must be high and remain high for SCLK
to be enabled. Data on SI is shifted in on the rising edge of
the synchronous clock signal. Data in the shift register
changes at SO on the falling edge of SCLK. This
arrangement allows the cascading of devices. SO is always
enabled. Data shifts through without affecting the outputs
until CS is brought low. At this time the internal DAC is
updated and the outputs change accordingly.
CS
SI
SCLK
SO
SI(Setup)
SI(Hold)
SI(tpd)
SO(Rise, Fall)
10% − 90%
CSHold
CSSetup
Figure 5. Serial Data Timing Diagram
Figure 6 shows the power−up sequence for the CS4192.
Note the IC requires a pulse on the Chip Select (CS) pin to
clear the Status Fault (ST) after power up. OE must be high
before the falling edge of CS to enable the output buffers.
VCC
CS
SI
OE
ST
10
Bits
10
Bits
OUTPUTS
ENABLED
OUTPUTS
ENABLED
Figure 6. Power Up Sequence


Podobny numer części - CS4192XDWF16G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CS4192XDWF16 ONSEMI-CS4192XDWF16 Datasheet
71Kb / 8P
   Single Air-Core Gauge Driver
December, 2001 ??Rev. 6
More results

Podobny opis - CS4192XDWF16G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CS4122 ONSEMI-CS4122_05 Datasheet
97Kb / 9P
   Triple Air?묬ore Gauge Driver with Serial Input Bus
September, 2005 ??Rev. 9
logo
Cherry Semiconductor Co...
CS4172 CHERRY-CS4172 Datasheet
158Kb / 6P
   Single Air-Core Gauge Driver
logo
ON Semiconductor
CS4172 ONSEMI-CS4172 Datasheet
65Kb / 8P
   Single Air-Core Gauge Driver
December, 2001 - Rev. 3
CS4192 ONSEMI-CS4192 Datasheet
71Kb / 8P
   Single Air-Core Gauge Driver
December, 2001 ??Rev. 6
logo
NXP Semiconductors
SA5777A PHILIPS-SA5777A Datasheet
116Kb / 12P
   Dual air-core gauge driver
1999 Sep 20
logo
Freescale Semiconductor...
33977 FREESCALE-33977 Datasheet
1Mb / 37P
   Single Gauge Driver
logo
NXP Semiconductors
MC33977 NXP-MC33977 Datasheet
2Mb / 37P
   Single Gauge Driver
Rev. 2.0, 1/2007
logo
ON Semiconductor
CS8190 ONSEMI-CS8190_06 Datasheet
113Kb / 11P
   Precision Air?묬ore Tach/Speedo Driver with Return to Zero
June, 2006 ??Rev. 6
CS3750 ONSEMI-CS3750 Datasheet
45Kb / 4P
   Dual H-Bridge Air-Core Gauge Driver
December, 2001 - Rev. 4
logo
Cherry Semiconductor Co...
CS3750 CHERRY-CS3750 Datasheet
137Kb / 4P
   100mA Dual H-Bridge Air-Core Gauge Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com