Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS5301 Arkusz danych(PDF) 8 Page - ON Semiconductor

Numer części CS5301
Szczegółowy opis  Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5301 Arkusz danych(HTML) 8 Page - ON Semiconductor

Back Button CS5301_06 Datasheet HTML 4Page - ON Semiconductor CS5301_06 Datasheet HTML 5Page - ON Semiconductor CS5301_06 Datasheet HTML 6Page - ON Semiconductor CS5301_06 Datasheet HTML 7Page - ON Semiconductor CS5301_06 Datasheet HTML 8Page - ON Semiconductor CS5301_06 Datasheet HTML 9Page - ON Semiconductor CS5301_06 Datasheet HTML 10Page - ON Semiconductor CS5301_06 Datasheet HTML 11Page - ON Semiconductor CS5301_06 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
CS5301
http://onsemi.com
8
ELECTRICAL CHARACTERISTICS (0
°C < TA < 70°C; 0°C < TJ < 125°C; 4.7 V < VCCL < 14 V; 8.0 V < VCCH < 20 V;
CGATE(H) = 3.3 nF, CGATE(L) = 3.3 nF, RROSC = 53.6 k, CCOMP = 0.1 mF, CREF = 0.1 mF, DAC Code 10000, CVCC = 1.0 mF, ILIM ≥ 1.0 V;
unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
General Electrical Specifications
VCCL Operating Current
VFB = COMP(no switching)
22
26
mA
VCCL1 Operating Current
VFB = COMP(no switching)
4.0
5.5
mA
VCCL23 Operating Current
VFB = COMP(no switching)
8.0
11
mA
VCCH12 Operating Current
VFB = COMP(no switching)
5.5
7.0
mA
VCCH3 Operating Current
VFB = COMP(no switching)
2.5
3.5
mA
VCCL Start Threshold
GATEs switching, COMP charging
4.05
4.50
4.70
V
VCCL Stop Threshold
GATEs stop switching, COMP
discharging
3.75
4.30
4.60
V
VCCL Hysteresis
GATEs not switching, COMP not
charging
100
200
300
mV
VCCH12 Start Threshold
3.2
3.5
3.8
V
VCCH12 Stop Threshold
2.9
3.2
3.5
V
VCCH12 Start Hysteresis
200
300
400
mV


Podobny numer części - CS5301_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CS5301GDW32 ONSEMI-CS5301GDW32 Datasheet
165Kb / 20P
   Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
CS5301GDWR32 ONSEMI-CS5301GDWR32 Datasheet
165Kb / 20P
   Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
More results

Podobny opis - CS5301_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CS5303 ONSEMI-CS5303 Datasheet
390Kb / 19P
   Three?뭁hase Buck Controller with Integrated Gate Drivers
July, 2006 ??Rev. 14
CS5301 ONSEMI-CS5301 Datasheet
165Kb / 20P
   Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
NCP5322A ONSEMI-NCP5322A_07 Datasheet
718Kb / 31P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
January, 2007 ??Rev. 5
CS5302 ONSEMI-CS5302 Datasheet
342Kb / 17P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 4?묪it DAC
July, 2006 ??Rev.7
CS5322 ONSEMI-CS5322 Datasheet
406Kb / 21P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
July, 2006 ??Rev. 7
CS5332 ONSEMI-CS5332 Datasheet
400Kb / 20P
   Two?뭁hase Buck Controller with Integrated Gate Drivers for VRM 9.0
July, 2006 ??Rev. 11
NCP5306 ONSEMI-NCP5306 Datasheet
872Kb / 24P
   Three?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 3
CS5308 ONSEMI-CS5308 Datasheet
1Mb / 31P
   Two?뭁hase PWM Controller with Integrated Gate Drivers for VRM 8.5
July, 2006 ??Rev. 6
CS5323 ONSEMI-CS5323_06 Datasheet
328Kb / 16P
   Three?뭁hase Buck Controller with 5?묪it DAC
July, 2006 ??Rev. 7
NCP5383 ONSEMI-NCP5383_1 Datasheet
399Kb / 15P
   2 Phase Buck Controller with Integrated Gate Drivers and AVP
December, 2007 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com