Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VCXH16374DTR Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części 74VCXH16374DTR
Szczegółowy opis  Low?뭋oltage 1.8/2.5/3.3V 16-Bit D?뭈ype Flip?묯lop With 3.6 V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VCXH16374DTR Arkusz danych(HTML) 5 Page - ON Semiconductor

  74VCXH16374DTR Datasheet HTML 1Page - ON Semiconductor 74VCXH16374DTR Datasheet HTML 2Page - ON Semiconductor 74VCXH16374DTR Datasheet HTML 3Page - ON Semiconductor 74VCXH16374DTR Datasheet HTML 4Page - ON Semiconductor 74VCXH16374DTR Datasheet HTML 5Page - ON Semiconductor 74VCXH16374DTR Datasheet HTML 6Page - ON Semiconductor 74VCXH16374DTR Datasheet HTML 7Page - ON Semiconductor 74VCXH16374DTR Datasheet HTML 8Page - ON Semiconductor 74VCXH16374DTR Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
74VCXH16374
http://onsemi.com
5
AC CHARACTERISTICS (Note 6; tR = tF = 2.0 ns; CL = 30 pF; RL = 500 W)
TA = −40°C to +85°C
VCC = 3.0 V to 3.6 V VCC = 2.3 V to 2.7 V
VCC = 1.65 V to 1.95 V
Symbol
Parameter
Waveform
Min
Max
Min
Max
Min
Max
Unit
fmax
Clock Pulse Frequency
1
250
200
100
MHz
tPLH
tPHL
Propagation Delay
CP−to−On
1
0.8
0.8
3.0
3.0
1.0
1.0
3.9
3.9
1.5
1.5
7.8
7.8
ns
tPZH
tPZL
Output Enable Time to
High and Low Level
2
0.8
0.8
3.5
3.5
1.0
1.0
4.6
4.6
1.5
1.5
9.2
9.2
ns
tPHZ
tPLZ
Output Disable Time From
High and Low Level
2
0.8
0.8
3.5
3.5
1.0
1.0
3.8
3.8
1.5
1.5
6.8
6.8
ns
ts
Setup Time, High or Low
Dn−to−CP
3
1.5
1.5
2.5
ns
th
Hold Time, High or Low
Dn−to−CP
3
1.0
1.0
1.0
ns
tw
CP Pulse Width, High
3
1.5
1.5
4.0
ns
tOSHL
tOSLH
Output−to−Output Skew
(Note 7)
0.5
0.5
0.5
0.5
0.75
0.75
ns
6. For CL = 50 pF, add approximately 300 ps to the AC maximum specification.
7. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH−to−LOW (tOSHL) or LOW−to−HIGH (tOSLH); parameter
guaranteed by design.
AC CHARACTERISTICS (tR = tF = 2.0 ns; CL = 50 pF; RL = 500 W)
TA = −40°C to +85°C
VCC = 3.0 V to 3.6 V
VCC = 2.7 V
Symbol
Parameter
Waveform
Min
Max
Min
Max
Unit
fmax
Clock Pulse Frequency
4
150
150
MHz
tPLH
tPHL
Propagation Delay
CP−to−On
4
1.0
1.0
4.2
4.2
4.9
4.9
ns
tPZH
tPZL
Output Enable Time to
High and Low Level
5
1.0
1.0
4.8
4.8
5.9
5.9
ns
tPHZ
tPLZ
Output Disable Time From
High and Low Level
5
1.0
1.0
4.3
4.3
4.7
4.7
ns
tOSHL
tOSLH
Output−to−Output Skew
(Note 8)
0.5
0.5
0.5
0.5
ns
8. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH−to−LOW (tOSHL) or LOW−to−HIGH (tOSLH); parameter
guaranteed by design.


Podobny numer części - 74VCXH16374DTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VCXH16374 FAIRCHILD-74VCXH16374 Datasheet
174Kb / 11P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
logo
STMicroelectronics
74VCXH16374 STMICROELECTRONICS-74VCXH16374 Datasheet
285Kb / 12P
   LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE)WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCXH16374GX FAIRCHILD-74VCXH16374GX Datasheet
174Kb / 11P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74VCXH16374MTD FAIRCHILD-74VCXH16374MTD Datasheet
174Kb / 11P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
logo
STMicroelectronics
74VCXH16374TTR STMICROELECTRONICS-74VCXH16374TTR Datasheet
285Kb / 12P
   LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE)WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Podobny opis - 74VCXH16374DTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74VCX16374 ONSEMI-74VCX16374 Datasheet
241Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it D?뭈ype Flip?묯lop With 3.6 V?뭈olerant Inputs and Outputs
June, 2006 ??Rev. 6
MC74LCX16374 ONSEMI-MC74LCX16374 Datasheet
99Kb / 8P
   Low?뭋oltage CMOS 16?묪it D?뭈ype Flip?묯lop With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
74ALVCH16374 ONSEMI-74ALVCH16374 Datasheet
275Kb / 10P
   Low?뭋oltage 16?묪it D?뭈ype Flip?묯lop
June, 2006 ??Rev. 3
74VCX16245 ONSEMI-74VCX16245 Datasheet
94Kb / 8P
   Low - Voltage 1.8 / 2.5 / 3.3V 16-Bit Transceiver With 3.6 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2004 ??Rev. 4
logo
Toshiba Semiconductor
TC74VCX16374FT TOSHIBA-TC74VCX16374FT_07 Datasheet
216Kb / 12P
   Low-Voltage 16-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX162374FT TOSHIBA-TC74VCX162374FT_07 Datasheet
222Kb / 12P
   Low-Voltage 16-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
logo
STMicroelectronics
54VCXH162374 STMICROELECTRONICS-54VCXH162374_11 Datasheet
496Kb / 18P
   Rad hard low voltage CMOS 16-bit d-type flip-flop (3-state) with 3.6 V tolerant inputs and outputs
54VCXH162244 STMICROELECTRONICS-54VCXH162244_11 Datasheet
457Kb / 18P
   Low voltage CMOS 16-bit bus buffer (3-state non inverter) with 3.6 V tolerant inputs and outputs
74LCX574 STMICROELECTRONICS-74LCX574 Datasheet
264Kb / 13P
   OCTAL D-TYPE FLIP FLOP NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX374 STMICROELECTRONICS-74LCX374_04 Datasheet
277Kb / 13P
   OCTAL D-TYPE FLIP FLOP NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com