Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS8122YTHA5G Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części CS8122YTHA5G
Szczegółowy opis  2.0% 5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8122YTHA5G Arkusz danych(HTML) 3 Page - ON Semiconductor

  CS8122YTHA5G Datasheet HTML 1Page - ON Semiconductor CS8122YTHA5G Datasheet HTML 2Page - ON Semiconductor CS8122YTHA5G Datasheet HTML 3Page - ON Semiconductor CS8122YTHA5G Datasheet HTML 4Page - ON Semiconductor CS8122YTHA5G Datasheet HTML 5Page - ON Semiconductor CS8122YTHA5G Datasheet HTML 6Page - ON Semiconductor CS8122YTHA5G Datasheet HTML 7Page - ON Semiconductor CS8122YTHA5G Datasheet HTML 8Page - ON Semiconductor CS8122YTHA5G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CS8122
http://onsemi.com
3
ABSOLUTE MAXIMUM RATINGS
Rating
Value
Unit
Input Operating Range
−0.5 to 26
V
Power Dissipation
Internally Limited
Peak Transient Voltage (46 V Load Dump @ VIN = 14 V)
−50, 60
V
Output Current
Internally Limited
Electrostatic Discharge (Human Body Model)
4.0
kV
Junction Temperature
−55 to +150
°C
Storage Temperature Range
−55 to +150
°C
Lead Temperature Soldering
Wave Solder (through hole styles only) (Note 1)
260 peak
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. 10−second maximum.
ELECTRICAL CHARACTERISTICS (−40
°C ≤ TA ≤ 125°C, −40 ≤ TJ ≤ 150°C, 6.0 ≤ VIN ≤ 26 V, 5.0 mA ≤ IOUT ≤ 500 mA,
RRESET = 4.7 kW to VCC unless otherwise noted.) (Note 2)
Characteristic
Test Conditions
Min
Typ
Max
Unit
OUTPUT STAGE (VOUT)
Output Voltage
4.9
5.0
5.1
V
Dropout Voltage
IOUT = 500 mA
0.35
0.60
V
Supply Current
IOUT ≤ 10 mA
IOUT ≤ 100 mA
IOUT ≤ 500 mA
2.0
6.0
55
7.0
12
100
mA
mA
mA
Line Regulation
6.0 V
≤ VIN ≤ 26 V, IOUT = 50 mA
5.0
50
mV
Load Regulation
50 mA
≤ IOUT ≤ 500 mA, VIN = 14 V
10
50
mV
Ripple Rejection
f = 120 Hz, 7.0
≤ VIN ≤ 17 V, IOUT = 250 mA
54
75
dB
Current Limit
0.75
1.20
A
Overvoltage Shutdown
32
40
V
Maximum Line Transient
VOUT ≤ 5.5 V
60
95
V
Reverse Polarity Input Voltage DC
VOUT ≥ −0.6 V, 10 W Load
−15
−30
V
Reverse Polarity Input Voltage Transient
1.0% Duty Cycle, T < 100 ms, 10
W Load
−50
−80
V
Thermal Shutdown
Guaranteed by Design
150
180
210
°C
RESET AND DELAY FUNCTIONS
Delay Charge Current
VDELAY = 2.0 V
5.0
10
15
mA
RESET Threshold
VOUT Increasing, VRT(ON)
VOUT Decreasing, VRT(OFF)
4.65
4.50
4.90
4.70
VOUT − 0.01
VOUT − 0.16
V
V
RESET Hysteresis
VRH = VRT(ON) − VRT(OFF)
150
200
250
mV
Delay Threshold
Charge, VDC(HI)
Discharge, VDC(L)
3.25
2.85
3.50
3.10
3.75
3.35
V
V
Delay Hysteresis
200
400
800
mV
RESET Output Voltage Low
1.0 V < VOUT < VRT(L), 3.0 kW to VOUT
0.1
0.4
V
RESET Output Leakage
VOUT > VRT(H)
0
10
mA
Delay Capacitor Discharge Voltage
Discharge Latched “ON”, VOUT > VRT
0.2
0.5
V
Delay Time
CDELAY = 0.1 mF
16
32
48
ms
2. To observe safe operating junction temperatures, low duty cycle pulse testing is used in tests where applicable.
Delay Time
+
CDelay
VDelay Threshold Charge
ICharge
+ CDelay
3.5
105 (typ)


Podobny numer części - CS8122YTHA5G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cherry Semiconductor Co...
CS8122YTHA5 CHERRY-CS8122YTHA5 Datasheet
175Kb / 8P
   2% 5V, 750mA Low Dropout Linear Regulator with Delayed RESET
More results

Podobny opis - CS8122YTHA5G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CS8126 ONSEMI-CS8126 Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8126 ONSEMI-CS8126_09 Datasheet
167Kb / 9P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
October, 2009 ??Rev. 18
CS8129 ONSEMI-CS8129 Datasheet
114Kb / 11P
   5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
June, 2006 ??Rev. 8
logo
National Semiconductor ...
LM2925 NSC-LM2925 Datasheet
223Kb / 8P
   Low Dropout Regulator with Delayed Reset
logo
HTC Korea TAEJIN Techno...
LM2925 HTC-LM2925 Datasheet
228Kb / 8P
   Low Dropout Regulator with Delayed Reset
logo
Cherry Semiconductor Co...
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
logo
National Semiconductor ...
LM2826 NSC-LM2826 Datasheet
319Kb / 9P
   Low Dropout Regulator with Delayed Reset
LM2926 NSC-LM2926 Datasheet
404Kb / 10P
   Low Dropout Regulator with Delayed Reset
logo
ON Semiconductor
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com