Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS8129YDWR16 Arkusz danych(PDF) 11 Page - ON Semiconductor

Numer części CS8129YDWR16
Szczegółowy opis  5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8129YDWR16 Arkusz danych(HTML) 11 Page - ON Semiconductor

Back Button CS8129YDWR16 Datasheet HTML 3Page - ON Semiconductor CS8129YDWR16 Datasheet HTML 4Page - ON Semiconductor CS8129YDWR16 Datasheet HTML 5Page - ON Semiconductor CS8129YDWR16 Datasheet HTML 6Page - ON Semiconductor CS8129YDWR16 Datasheet HTML 7Page - ON Semiconductor CS8129YDWR16 Datasheet HTML 8Page - ON Semiconductor CS8129YDWR16 Datasheet HTML 9Page - ON Semiconductor CS8129YDWR16 Datasheet HTML 10Page - ON Semiconductor CS8129YDWR16 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
CS8129
http://onsemi.com
11
PACKAGE DIMENSIONS
SO−16 WB
CASE 751G−03
ISSUE C
D
14X
B
16X
SEATING
PLANE
S
A
M
0.25
B S
T
16
9
8
1
B
A
e
T
C
q
NOTES:
1. DIMENSIONS ARE IN MILLIMETERS.
2. INTERPRET DIMENSIONS AND TOLERANCES
PER ASME Y14.5M, 1994.
3. DIMENSIONS D AND E DO NOT INLCUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE.
5. DIMENSION B DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.13 TOTAL IN
EXCESS OF THE B DIMENSION AT MAXIMUM
MATERIAL CONDITION.
DIM
MIN
MAX
MILLIMETERS
A
2.35
2.65
A1
0.10
0.25
B
0.35
0.49
C
0.23
0.32
D
10.15
10.45
E
7.40
7.60
e
1.27 BSC
H
10.05
10.55
h
0.25
0.75
L
0.50
0.90
q
0
7
_
_
PACKAGE THERMAL DATA
Parameter
TO−220
FIVE LEAD
SO−16WB
Unit
RqJC
Typical
2.1
23
°C/W
RqJA
Typical
50
105
°C/W
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
CS8129/D
SMART REGULATOR is a registered trademark of Semiconductor Components Industries, LLC (SCILLC).
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Podobny numer części - CS8129YDWR16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cherry Semiconductor Co...
CS8129YDWR16 CHERRY-CS8129YDWR16 Datasheet
188Kb / 8P
   5V, 750mA Low Dropout Linear Regulator with Lower RESET Threshold
More results

Podobny opis - CS8129YDWR16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CS8126 ONSEMI-CS8126 Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8126 ONSEMI-CS8126_09 Datasheet
167Kb / 9P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
October, 2009 ??Rev. 18
CS8122 ONSEMI-CS8122 Datasheet
100Kb / 10P
   2.0% 5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
June, 2006 ??Rev. 7
logo
Cherry Semiconductor Co...
CS8129 CHERRY-CS8129 Datasheet
188Kb / 8P
   5V, 750mA Low Dropout Linear Regulator with Lower RESET Threshold
logo
ON Semiconductor
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8151 ONSEMI-CS8151 Datasheet
174Kb / 14P
   5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
NCV4275A ONSEMI-NCV4275A Datasheet
170Kb / 19P
   5.0 V, 3.3 V 450 mA Low-Dropout Voltage Regulator with Reset
April, 2010 ??Rev. 3
CS8321 ONSEMI-CS8321 Datasheet
145Kb / 6P
   Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
CS8221 ONSEMI-CS8221 Datasheet
75Kb / 7P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
February, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com