Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS8371ET7G Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części CS8371ET7G
Szczegółowy opis  8.0 V/1.0 A, 5.0 V/250 mA Dual Regulator with Independent Output Enables and NOCAP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8371ET7G Arkusz danych(HTML) 7 Page - ON Semiconductor

Back Button CS8371ET7G Datasheet HTML 3Page - ON Semiconductor CS8371ET7G Datasheet HTML 4Page - ON Semiconductor CS8371ET7G Datasheet HTML 5Page - ON Semiconductor CS8371ET7G Datasheet HTML 6Page - ON Semiconductor CS8371ET7G Datasheet HTML 7Page - ON Semiconductor CS8371ET7G Datasheet HTML 8Page - ON Semiconductor CS8371ET7G Datasheet HTML 9Page - ON Semiconductor CS8371ET7G Datasheet HTML 10Page - ON Semiconductor CS8371ET7G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CS8371
http://onsemi.com
7
TYPICAL PERFORMANCE CHARACTERISTICS
Time (
ms)
Figure 18. Regulator 1 Load Transient
Response
Figure 19. Regulator 2 Load Transient
Response
Frequency (Hz)
Frequency (Hz)
Figure 20. Regulator 1 Ripple Rejection
Figure 21. Regulator 2 Ripple Rejection
100
100
10
Output Capacitor Size (
mF)
Figure 22. Regulator 1 Stability
.01
5
10
0
5
510
15
20
25
30
1000
3
2
1
0
−1
−2
−3
Time (
ms)
0
5
510
15
20
25
30
250
+500
0
−500
80
60
40
20
100
1k
10k
100k
1M
1
80
60
40
20
100
1k
10k
100k
1M
1
1
0
0.1
1
10
100
1000
VIN = 14 V
COUT = 0 mF
TA = 25°C
VIN = 14 V
COUT = 0 mF
TA = 25°C
TA = 25°C
VIN = 14 V
COUT = 0 mF
TA = 25°C
VIN = 14 V
COUT = 0 mF
TA = 25°C
VIN = 14 V
RESR ≤ 1.6 W
IOUT = 5.0 mA to 1.0 A
Unstable
Region


Podobny numer części - CS8371ET7G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cherry Semiconductor Co...
CS8371ET7 CHERRY-CS8371ET7 Datasheet
174Kb / 8P
   8V/1A, 5V/250mA Dual Regulator with Independent Output Enables and NoCap
More results

Podobny opis - CS8371ET7G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cherry Semiconductor Co...
CS8371 CHERRY-CS8371 Datasheet
174Kb / 8P
   8V/1A, 5V/250mA Dual Regulator with Independent Output Enables and NoCap
logo
ON Semiconductor
CS9201 ONSEMI-CS9201 Datasheet
62Kb / 8P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with NOCAP
November, 2001 ??Rev. 13
CS9202 ONSEMI-CS9202_06 Datasheet
69Kb / 6P
   Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
June, 2006 ??Rev. 14
NCV8508PD50 ONSEMI-NCV8508PD50 Datasheet
274Kb / 26P
   5.0 V, 250 mA LDO with Watchdog and RESET
October, 2007 - Rev. 25
CS8481 ONSEMI-CS8481 Datasheet
50Kb / 6P
   3.3 V/250 mA, 5.0 V/100 mA Micropower Low Dropout Regulator with ENABLE
January, 2004 ??Rev. 9
NCV8508 ONSEMI-NCV8508 Datasheet
89Kb / 12P
   5.0 V, 250 mA LDO with Watchdog and RESET
August, 2004 ??Rev. 20
NCV8508B ONSEMI-NCV8508B Datasheet
223Kb / 22P
   5.0 V and 3.3 V, 250 mA LDO with Watchdog and RESET
March, 2011 ??Rev. 3
CS9202 ONSEMI-CS9202 Datasheet
61Kb / 6P
   Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
May, 2004 ??Rev. 12
CS2001 ONSEMI-CS2001 Datasheet
77Kb / 8P
   1.2 A Switching Regulator, and 5.0 V, 100 mA Linear Regulator with RESET
December, 2000 ??Rev. 5
CS8120 ONSEMI-CS8120 Datasheet
121Kb / 14P
   5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com