Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2576D2TR4-012 Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części LM2576D2TR4-012
Szczegółowy opis  3.0 A, 15 V, Step?묭own Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2576D2TR4-012 Arkusz danych(HTML) 5 Page - ON Semiconductor

  LM2576D2TR4-012 Datasheet HTML 1Page - ON Semiconductor LM2576D2TR4-012 Datasheet HTML 2Page - ON Semiconductor LM2576D2TR4-012 Datasheet HTML 3Page - ON Semiconductor LM2576D2TR4-012 Datasheet HTML 4Page - ON Semiconductor LM2576D2TR4-012 Datasheet HTML 5Page - ON Semiconductor LM2576D2TR4-012 Datasheet HTML 6Page - ON Semiconductor LM2576D2TR4-012 Datasheet HTML 7Page - ON Semiconductor LM2576D2TR4-012 Datasheet HTML 8Page - ON Semiconductor LM2576D2TR4-012 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LM2576
http://onsemi.com
5
40
TYPICAL PERFORMANCE CHARACTERISTICS (Circuit of Figure 15)
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
Vin, INPUT VOLTAGE (V)
Vin, INPUT VOLTAGE (V)
TJ, JUNCTION TEMPERATURE (°C)
Figure 2. Normalized Output Voltage
TJ, JUNCTION TEMPERATURE (°C)
Figure 3. Line Regulation
Figure 4. Dropout Voltage
Figure 5. Current Limit
Figure 6. Quiescent Current
Figure 7. Standby Quiescent Current
ILoad = 200 mA
ILoad = 3.0 A
Vin = 12 V
Vin = 40 V
L1 = 150
mH
Rind = 0.1 W
ILoad = 500 mA
ILoad = 3.0 A
Vout = 5.0 V
Measured at
Ground Pin
TJ = 25°C
VON/OFF = 5.0 V
1.0
0.6
0.2
0
−0.2
−0.4
−1.0
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
2.0
1.5
1.0
0.5
0
6.5
6.0
5.5
5.0
4.5
4.0
20
18
16
14
12
10
8.0
6.0
4.0
200
180
160
140
120
100
80
60
20
0
125
100
75
50
25
0
−25
−50
40
35
30
25
20
15
10
5.0
0
125
100
75
50
25
0
−25
−50
125
100
75
50
25
0
−25
−50
40
35
30
25
20
15
10
5.0
0
125
100
75
50
25
0
−25
−50
−0.8
−0.6
0.4
0.8
Vin = 20 V
ILoad = 500 mA
Normalized at TJ = 25°C
ILoad = 500 mA
TJ = 25°C
3.3 V, 5.0 V and ADJ
12 V and 15 V
Vin = 25 V


Podobny numer części - LM2576D2TR4-012

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LM2576D2T-015 ONSEMI-LM2576D2T-015 Datasheet
253Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
LM2576D2T-12 ONSEMI-LM2576D2T-12 Datasheet
417Kb / 26P
   EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
June, 2004 ??Rev. 5
logo
Motorola, Inc
LM2576D2T-12 MOTOROLA-LM2576D2T-12 Datasheet
287Kb / 28P
   Easy Switcher 3.0A Step-Down Voltage Regulator
logo
ON Semiconductor
LM2576D2T-15 ONSEMI-LM2576D2T-15 Datasheet
417Kb / 26P
   EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
June, 2004 ??Rev. 5
logo
Motorola, Inc
LM2576D2T-15 MOTOROLA-LM2576D2T-15 Datasheet
287Kb / 28P
   Easy Switcher 3.0A Step-Down Voltage Regulator
More results

Podobny opis - LM2576D2TR4-012

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LM2576T-5G ONSEMI-LM2576T-5G Datasheet
253Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
logo
IK Semicon Co., Ltd
IL2576-XX IKSEMICON-IL2576-XX Datasheet
612Kb / 10P
   3.0 A, 15 V, Step-Down Switching Regulator
logo
ON Semiconductor
LM2575 ONSEMI-LM2575_05 Datasheet
364Kb / 28P
   1.0 A, Adjustable Output Voltage, Step?묭own Switching Regulator
November, 2005 ??Rev. 8
LM2574 ONSEMI-LM2574_06 Datasheet
296Kb / 26P
   0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
August, 2006 ??Rev. 8
logo
IK Semicon Co., Ltd
IL2575-XX IKSEMICON-IL2575-XX Datasheet
761Kb / 17P
   1.0 A, 15 V, Step-Down Switching Regulator
logo
ON Semiconductor
LM2596 ONSEMI-LM2596_10 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
LM2596 ONSEMI-LM2596 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
NCP3123 ONSEMI-NCP3123 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3121 ONSEMI-NCP3121 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
logo
Texas Instruments
LM25010 TI1-LM25010 Datasheet
1Mb / 31P
[Old version datasheet]   42-V, 1-A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com