Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC517G Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części BC517G
Szczegółowy opis  Darlington Transistors NPN Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC517G Arkusz danych(HTML) 2 Page - ON Semiconductor

  BC517G Datasheet HTML 1Page - ON Semiconductor BC517G Datasheet HTML 2Page - ON Semiconductor BC517G Datasheet HTML 3Page - ON Semiconductor BC517G Datasheet HTML 4Page - ON Semiconductor BC517G Datasheet HTML 5Page - ON Semiconductor BC517G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BC517
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector −Emitter Breakdown Voltage
(IC = 2.0 mAdc, IBE = 0)
V(BR)CES
30
Vdc
Collector −Base Breakdown Voltage
(IC = 10 mAdc, IE = 0)
V(BR)CBO
40
Vdc
Emitter −Base Breakdown Voltage
(IE = 100 mAdc, IC = 0)
V(BR)EBO
10
Vdc
Collector Cutoff Current
(VCE = 30 Vdc)
ICES
500
nAdc
Collector Cutoff Current
(VCB = 30 Vdc, IE = 0)
ICBO
100
nAdc
Emitter Cutoff Current
(VCB = 10 Vdc, IC = 0)
IEBO
100
nAdc
ON CHARACTERISTICS (Note 1)
DC Current Gain
(IC = 20 mAdc, VCE = 2.0 Vdc)
hFE
30,000
Collector −Emitter Saturation Voltage
(IC = 100 mAdc, IB = 0.1 mAdc)
VCE(sat)
1.0
Vdc
Collector −Emitter Saturation Voltage
(IC = 10 mAdc, VCE = 5.0 Vdc)
VBE(on)
1.4
Vdc
SMALL−SIGNAL CHARACTERISTICS
Current−Gain − Bandwidth Product (Note 2)
(IC = 10 mAdc, VCE = 5.0 Vdc, f = 100 MHz)
fT
200
MHz
1. Pulse Test: Pulse Width = 300
ms, Duty Cycle 2.0%.
2. fT = |hfe| • ftest
RS
in
en
IDEAL
TRANSISTOR
Figure 1. Transistor Noise Model


Podobny numer części - BC517G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BC517 MOTOROLA-BC517 Datasheet
206Kb / 6P
   Darlington Transistors
logo
Fairchild Semiconductor
BC517 FAIRCHILD-BC517 Datasheet
32Kb / 3P
   NPN Darlington Transistor
logo
ON Semiconductor
BC517 ONSEMI-BC517 Datasheet
148Kb / 6P
   Darlington Transistors(NPN Silicon)
1996
BC517 ONSEMI-BC517 Datasheet
621Kb / 6P
   NPN Darlington Transistor
September-2017, Rev. 2
logo
NXP Semiconductors
BC517 PHILIPS-BC517 Datasheet
43Kb / 8P
   NPN Darlington transistor
1999 Apr 23
More results

Podobny opis - BC517G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
BCV27 INFINEON-BCV27 Datasheet
49Kb / 5P
   NPN Silicon Darlington Transistors
Jul-12-2001
logo
Central Semiconductor C...
MPSA28 CENTRAL-MPSA28 Datasheet
540Kb / 3P
   SILICON NPN DARLINGTON TRANSISTORS
logo
Infineon Technologies A...
BSP50-BSP52 INFINEON-BSP50-BSP52 Datasheet
570Kb / 8P
   NPN Silicon Darlington Transistors
2011-10-05
logo
Central Semiconductor C...
BSS50 CENTRAL-BSS50 Datasheet
94Kb / 2P
   NPN SILICON DARLINGTON TRANSISTORS
logo
Infineon Technologies A...
BSP50 INFINEON-BSP50_07 Datasheet
120Kb / 8P
   NPN Silicon Darlington Transistors
2007-03-30
BCV27 INFINEON-BCV27_07 Datasheet
76Kb / 8P
   NPN Silicon Darlington Transistors
2007-04-20
logo
Siemens Semiconductor G...
BD675 SIEMENS-BD675 Datasheet
134Kb / 4P
   NPN SILICON DARLINGTON TRANSISTORS
BD861 SIEMENS-BD861 Datasheet
111Kb / 4P
   NPN SILICON DARLINGTON TRANSISTORS
logo
ON Semiconductor
MPSA12 ONSEMI-MPSA12 Datasheet
48Kb / 3P
   Darlington Transistors NPN Silicon
January, 2006 ??Rev. 1
logo
Infineon Technologies A...
BCV29 INFINEON-BCV29 Datasheet
47Kb / 5P
   NPN Silicon Darlington Transistors
Jul-12-2001
logo
ON Semiconductor
BC618 ONSEMI-BC618 Datasheet
150Kb / 6P
   Darlington Transistors(NPN Silicon)
1996
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com