Zakładka z wyszukiwarką danych komponentów |
|
BDW42G Arkusz danych(PDF) 1 Page - ON Semiconductor |
|
BDW42G Arkusz danych(HTML) 1 Page - ON Semiconductor |
1 / 7 page © Semiconductor Components Industries, LLC, 2005 October, 2005 − Rev. 12 Publication Order Number: BDW42/D BDW42 − NPN, BDW46, BDW47 − PNP BDW42 and BDW47 are Preferred Devices Darlington Complementary Silicon Power Transistors This series of plastic, medium−power silicon NPN and PNP Darlington transistors are designed for general purpose and low speed switching applications. Features • High DC Current Gain − hFE = 2500 (typ) @ IC = 5.0 Adc. • Collector Emitter Sustaining Voltage @ 30 mAdc: VCEO(sus) = 80 Vdc (min) − BDW46 100 Vdc (min) − BDW42/BDW47 • Low Collector Emitter Saturation Voltage VCE(sat) = 2.0 Vdc (max) @ IC = 5.0 Adc 3.0 Vdc (max) @ IC = 10.0 Adc • Monolithic Construction with Built−In Base Emitter Shunt resistors • TO−220AB Compact Package • Pb−Free Packages Are Available* MAXIMUM RATINGS Rating Symbol Value Unit Collector-Emitter Voltage BDW46 BDW42, BDW47 VCEO 80 100 Vdc Collector-Base Voltage BDW46 BDW42, BDW47 VCB 80 100 Vdc Emitter-Base Voltage VEB 5.0 Vdc Collector Current IC 15 Adc Base Current IB 0.5 Adc Total Device Dissipation @ TC = 25°C Derate above 25 °C PD 85 0.68 W W/ °C Operating and Storage Junction Temperature Range TJ, Tstg −55 to +150 °C THERMAL CHARACTERISTICS Characteristic Symbol Max Unit Thermal Resistance, Junction−to−Case RqJC 1.47 °C/W Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. *For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. TO−220AB CASE 221A−09 STYLE 1 MARKING DIAGRAM 15 AMP DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 80−100 VOLT, 85 WATT http://onsemi.com 1 2 3 4 Device Package Shipping ORDERING INFORMATION BDW42 TO−220AB 50 Units/Rail BDW46 TO−220AB 50 Units/Rail BDW47G 50 Units/Rail BDW47 TO−220AB (Pb−Free) 50 Units/Rail TO−220AB Preferred devices are ON Semiconductor recommended choices for future use and best overall value BDWxx = Device Code x = 42, 46, or 47 A = Assembly Location Y = Year WW = Work Week G = Pb−Free Package BDW42G TO−220AB (Pb−Free) 50 Units/Rail BDW46G TO−220AB (Pb−Free) 50 Units/Rail BDWxx AYWWG |
Podobny numer części - BDW42G |
|
Podobny opis - BDW42G |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |