Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDW46G Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części BDW46G
Szczegółowy opis  Darlington Complementary Silicon Power Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BDW46G Arkusz danych(HTML) 6 Page - ON Semiconductor

  BDW46G Datasheet HTML 1Page - ON Semiconductor BDW46G Datasheet HTML 2Page - ON Semiconductor BDW46G Datasheet HTML 3Page - ON Semiconductor BDW46G Datasheet HTML 4Page - ON Semiconductor BDW46G Datasheet HTML 5Page - ON Semiconductor BDW46G Datasheet HTML 6Page - ON Semiconductor BDW46G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BDW42 − NPN, BDW46, BDW47 − PNP
http://onsemi.com
6
+5.0
Figure 12. Temperature Coefficients
IC, COLLECTOR CURRENT (AMP)
0.1
0.2 0.3
1.0
2.0 3.0
5.0
7.0
10
−55
°C to 25°C
+4.0
+3.0
+1.0
0
−4.0
−1.0
−2.0
−3.0
−5.0
qVB for VBE
*
qVC for VCE(sat)
−55
°C to 25°C
25
°C to 150°C
25
°C to 150°C
*IC/IB v 250
0.5 0.7
+5.0
IC, COLLECTOR CURRENT (AMP)
0.1
0.2 0.3
1.0
2.0 3.0
5.0
10
−55
°C to +25°C
+4.0
+3.0
+1.0
0
−4.0
−1.0
−2.0
−3.0
−5.0
qVB for VBE
*
qVC for VCE(sat)
−55
°C to +25°C
+25
°C to 150°C
+25
°C to 150°C
*IC/IB v 250
0.5
+2.0
+2.0
BDW42 (NPN)
BDW46, 47 (PNP)
105
Figure 13. Collector Cut−Off Region
VBE, BASE−EMITTER VOLTAGE (VOLTS)
102
101
100
10− 1
−0.2 −0.4
0
+0.2
+0.4
+0.6
VCE = 30 V
TJ = 150°C
100
°C
25
°C
REVERSE
FORWARD
103
104
−0.6 −0.8
−1.0
−1.2 −1.4
105
VBE, BASE−EMITTER VOLTAGE (VOLTS)
102
101
100
10− 1
+0.2 +0.4
0
−0.2
−0.4
−0.6
VCE = 30 V
REVERSE
FORWARD
103
104
+0.6
+0.8
+1.0 +1.2 + 1.4
TJ = 150°C
100
°C
25
°C
Figure 14. Darlington Schematic
NPN
BDW42
PNP
BDW46
BDW47
BASE
COLLECTOR
EMITTER
[ 8.0 k
[ 60
BASE
COLLECTOR
EMITTER
[ 8.0 k
[ 60


Podobny numer części - BDW46G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
BDW46G ONSEMI-BDW46G Datasheet
89Kb / 7P
   Darlington Complementary Silicon Power Transistors
August, 2016 ??Rev. 17
More results

Podobny opis - BDW46G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com