Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDW46G Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części BDW46G
Szczegółowy opis  Darlington Complementary Silicon Power Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BDW46G Arkusz danych(HTML) 1 Page - ON Semiconductor

  BDW46G Datasheet HTML 1Page - ON Semiconductor BDW46G Datasheet HTML 2Page - ON Semiconductor BDW46G Datasheet HTML 3Page - ON Semiconductor BDW46G Datasheet HTML 4Page - ON Semiconductor BDW46G Datasheet HTML 5Page - ON Semiconductor BDW46G Datasheet HTML 6Page - ON Semiconductor BDW46G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2005
October, 2005 − Rev. 12
Publication Order Number:
BDW42/D
BDW42 − NPN, BDW46,
BDW47 − PNP
BDW42 and BDW47 are Preferred Devices
Darlington Complementary
Silicon Power Transistors
This series of plastic, medium−power silicon NPN and PNP
Darlington transistors are designed for general purpose and low speed
switching applications.
Features
High DC Current Gain − hFE = 2500 (typ) @ IC = 5.0 Adc.
Collector Emitter Sustaining Voltage @ 30 mAdc:
VCEO(sus) = 80 Vdc (min) − BDW46
100 Vdc (min) − BDW42/BDW47
Low Collector Emitter Saturation Voltage
VCE(sat) = 2.0 Vdc (max) @ IC = 5.0 Adc
3.0 Vdc (max) @ IC = 10.0 Adc
Monolithic Construction with Built−In Base Emitter Shunt resistors
TO−220AB Compact Package
Pb−Free Packages Are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
BDW46
BDW42, BDW47
VCEO
80
100
Vdc
Collector-Base Voltage
BDW46
BDW42, BDW47
VCB
80
100
Vdc
Emitter-Base Voltage
VEB
5.0
Vdc
Collector Current
IC
15
Adc
Base Current
IB
0.5
Adc
Total Device Dissipation
@ TC = 25°C
Derate above 25
°C
PD
85
0.68
W
W/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction−to−Case
RqJC
1.47
°C/W
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
TO−220AB
CASE 221A−09
STYLE 1
MARKING
DIAGRAM
15 AMP DARLINGTON
COMPLEMENTARY SILICON
POWER TRANSISTORS
80−100 VOLT, 85 WATT
http://onsemi.com
1
2
3
4
Device
Package
Shipping
ORDERING INFORMATION
BDW42
TO−220AB
50 Units/Rail
BDW46
TO−220AB
50 Units/Rail
BDW47G
50 Units/Rail
BDW47
TO−220AB
(Pb−Free)
50 Units/Rail
TO−220AB
Preferred devices are ON Semiconductor recommended
choices for future use and best overall value
BDWxx = Device Code
x = 42, 46, or 47
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
BDW42G
TO−220AB
(Pb−Free)
50 Units/Rail
BDW46G
TO−220AB
(Pb−Free)
50 Units/Rail
BDWxx
AYWWG


Podobny numer części - BDW46G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
BDW46G ONSEMI-BDW46G Datasheet
89Kb / 7P
   Darlington Complementary Silicon Power Transistors
August, 2016 ??Rev. 17
More results

Podobny opis - BDW46G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com