Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDW46G Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części BDW46G
Szczegółowy opis  Darlington Complementary Silicon Power Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BDW46G Arkusz danych(HTML) 3 Page - ON Semiconductor

  BDW46G Datasheet HTML 1Page - ON Semiconductor BDW46G Datasheet HTML 2Page - ON Semiconductor BDW46G Datasheet HTML 3Page - ON Semiconductor BDW46G Datasheet HTML 4Page - ON Semiconductor BDW46G Datasheet HTML 5Page - ON Semiconductor BDW46G Datasheet HTML 6Page - ON Semiconductor BDW46G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BDW42 − NPN, BDW46, BDW47 − PNP
http://onsemi.com
3
90
60
40
20
0
25
50
75
100
125
150
Figure 1. Power Temperature Derating Curve
TC, CASE TEMPERATURE (°C)
80
70
50
30
10
Figure 2. Switching Times Test Circuit
5.0
0.1
Figure 3. Switching Times
IC, COLLECTOR CURRENT (AMP)
3.0
0.7
0.5
0.3
0.2
0.05
0.2
0.3
0.7
3.0
10
td @ VBE(off) = 0 V
VCC = 30 V
IC/IB = 250
IB1 = IB2
TJ = 25°C
tf
0.07
1.0
5.0
ts
tr
0.1
1.0
2.0
0.5
2.0
7.0
0
VCC
− 30 V
SCOPE
TUT
+ 4.0 V
tr, tf v 10 ns
DUTY CYCLE = 1.0%
RC
D1 MUST BE FAST RECOVERY TYPES, e.g.:
1N5825 USED ABOVE IB [ 100 mA
MSD6100 USED BELOW IB [ 100 mA
25
ms
D1
51
RB AND RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
V2
APPROX
+ 8.0 V
V1
APPROX
− 12 V
[ 8.0 k
[ 150
for td and tr, D1 id disconnected
and V2 = 0
For NPN test circuit reverse all polarities
RB
Figure 4. Thermal Response
t, TIME OR PULSE WIDTH (ms)
1.0
0.01
0.01
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
1000
500
RqJC(t) = r(t) RqJC
RqJC = 1.92°C/W
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) RqJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
SINGLE PULSE
0.2
0.05
0.1
0.02
0.01
0.03
0.3
3.0
30
300


Podobny numer części - BDW46G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
BDW46G ONSEMI-BDW46G Datasheet
89Kb / 7P
   Darlington Complementary Silicon Power Transistors
August, 2016 ??Rev. 17
More results

Podobny opis - BDW46G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com