Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN5336 Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części FAN5336
Szczegółowy opis  1.5MHz Boost Regulator with 33V Integrated FET Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5336 Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  FAN5336 Datasheet HTML 1Page - Fairchild Semiconductor FAN5336 Datasheet HTML 2Page - Fairchild Semiconductor FAN5336 Datasheet HTML 3Page - Fairchild Semiconductor FAN5336 Datasheet HTML 4Page - Fairchild Semiconductor FAN5336 Datasheet HTML 5Page - Fairchild Semiconductor FAN5336 Datasheet HTML 6Page - Fairchild Semiconductor FAN5336 Datasheet HTML 7Page - Fairchild Semiconductor FAN5336 Datasheet HTML 8Page - Fairchild Semiconductor FAN5336 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
FAN5336 Rev. 1.0.0
5
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Typical Performance Characteristics
VIN=3.6V, VOUT=21V, TA=25°C, CIN=10µF, COUT=4.7µF, L=6.8µH, CF=180pF, R1=160kΩ, R2=10kΩ unless otherwise noted.
Figure 4. Efficiency vs. Load Current
Figure 5. Load Regulation
Figure 6. Line Regulation at No Load
Figure 7. 100mA Load Current Operation
Figure 8. Start-up Response
Figure 9. Load Transient Response
Efficiency vs. Load Current
40
45
50
55
60
65
70
75
80
85
90
10
20
30
40
50
60
70
80
90
100
Load Current (mA)
Vin=2.7V
Vin=3.6V
Vin=5.5V
Load Regulation
20.5
20.7
20.9
21.1
21.3
21.5
10
20
30
40
50
60
70
80
90
100
Load Current (mA)
Vin=2.7V
Vin=3.6V
Vin=5.5V
Line Regulation at No Load
20
20.2
20.4
20.6
20.8
21
21.2
21.4
21.6
21.8
22
2.5
3
3.5
4
4.5
5
5.5
Battery Voltage(V)


Podobny numer części - FAN5336

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5336 FAIRCHILD-FAN5336 Datasheet
645Kb / 10P
   1.5MHz Boost Regulator with 33V Integrated FET Switch
FAN5336MPX FAIRCHILD-FAN5336MPX Datasheet
645Kb / 10P
   1.5MHz Boost Regulator with 33V Integrated FET Switch
FAN5336UMPX FAIRCHILD-FAN5336UMPX Datasheet
645Kb / 10P
   1.5MHz Boost Regulator with 33V Integrated FET Switch
FAN5336 FAIRCHILD-FAN5336_07 Datasheet
645Kb / 10P
   1.5MHz Boost Regulator with 33V Integrated FET Switch
More results

Podobny opis - FAN5336

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5336 FAIRCHILD-FAN5336_07 Datasheet
645Kb / 10P
   1.5MHz Boost Regulator with 33V Integrated FET Switch
logo
Renesas Technology Corp
ISL78219 RENESAS-ISL78219 Datasheet
796Kb / 15P
   Automotive Boost Regulator with 4A Integrated Switch
logo
Eutech Microelectronics...
EUP2570 EUTECH-EUP2570 Datasheet
72Kb / 1P
   1MHz Boost Regulator with 18V Integrated FET Switch in Tiny SOT-23
logo
Fairchild Semiconductor
FAN5331 FAIRCHILD-FAN5331 Datasheet
214Kb / 10P
   1.6MHz Boost Converter with 20V Integrated FET Switch
logo
Rohm
BD8152FVM ROHM-BD8152FVM_14 Datasheet
1Mb / 27P
   Boost Converter with Integrated FET
logo
Intersil Corporation
ISL97701 INTERSIL-ISL97701 Datasheet
189Kb / 10P
   Boost Regulator with Integrated Schottky and Input Disconnect Switch
logo
Renesas Technology Corp
ISL97701 RENESAS-ISL97701 Datasheet
547Kb / 11P
   Boost Regulator with Integrated Schottky and Input Disconnect Switch
logo
Microchip Technology
MCP1661 MICROCHIP-MCP1661 Datasheet
1,011Kb / 34P
   High-Voltage Integrated Switch PWM Boost Regulator with UVLO
01/27/15
logo
Texas Instruments
TPS2500 TI-TPS2500 Datasheet
1Mb / 42P
[Old version datasheet]   INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
logo
Micrel Semiconductor
MIC3223 MICREL-MIC3223 Datasheet
1Mb / 24P
   High Power Boost LED Driver with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com