Zakładka z wyszukiwarką danych komponentów |
|
FAN5336 Arkusz danych(PDF) 2 Page - Fairchild Semiconductor |
|
FAN5336 Arkusz danych(HTML) 2 Page - Fairchild Semiconductor |
2 / 9 page FAN5336 Rev. 1.0.0 2 © 2004 Fairchild Semiconductor Corporation www.fairchildsemi.com Ordering Information Pin Assignments Figure 2. 6-Lead, 3x3mm MLP (Top View) Pin Descriptions Part Number Package Temperature Range Pb-Free Packing Method FAN5336MPX 6-Lead 3x3mm MLP -40°C to +85°C Yes Tape and Reel Pin # Name Description P1 GND Analog and Power Ground. P1 must be soldered to the PCB ground. 1VIN Input Voltage Pin. 2 GND Ground. 3 SHDN Shutdown Control Pin. Logic HIGH enables, logic LOW disables the device. 4FB Feedback Pin. Feedback node that connects to an external voltage divider. 5 NC No Connect. 6 SW Switching Node. SHDN FB GND SW VIN NC 1 2 3 6 5 4 P1 |
Podobny numer części - FAN5336 |
|
Podobny opis - FAN5336 |