Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33065DW-H Arkusz danych(PDF) 11 Page - ON Semiconductor

Numer części MC33065DW-H
Szczegółowy opis  High Performance Dual Channel Current Mode Controllers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33065DW-H Arkusz danych(HTML) 11 Page - ON Semiconductor

Back Button MC33065DW-H Datasheet HTML 7Page - ON Semiconductor MC33065DW-H Datasheet HTML 8Page - ON Semiconductor MC33065DW-H Datasheet HTML 9Page - ON Semiconductor MC33065DW-H Datasheet HTML 10Page - ON Semiconductor MC33065DW-H Datasheet HTML 11Page - ON Semiconductor MC33065DW-H Datasheet HTML 12Page - ON Semiconductor MC33065DW-H Datasheet HTML 13Page - ON Semiconductor MC33065DW-H Datasheet HTML 14Page - ON Semiconductor MC33065DW-H Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
MC34065−H, L
http://onsemi.com
11
Figure 16. Timing
Diagram
Sync
Input
Capacitor CT
Latch 1
Set" Input
Compensation
1
Current Sense
1
Latch 1
Reset" Input
Drive Output 1
Drive Output
2
Enable
Latch 2
Set" Input
Compensation
2
Current Sense
2
Drive Output 2
Latch 2
Reset" Input
The outputs do not contain internal current limiting,
therefore an external series resistor may be required to
prevent the peak output current from exceeding the ±400
mA maximum rating. The sink saturation (VOL) is less than
0.75 V at 50 mA.
A separate Drive Ground pin is provided and, with proper
implementation, will significantly reduce the level of
switching transient noise imposed on the control circuitry.
This becomes particularly useful when reducing the Ipk(max)
clamp level. Figure 23 shows the proper ground connections
required for current sensing power MOSFET applications.
Drive Output 2 Enable Pin
This input is used to enable Drive Output 2. Drive
Output 1 can be used to control circuitry that must run
continuously such as volatile memory and the system clock,
or a remote controlled receiver, while Drive Output 2
controls the high power circuitry that is occasionally turned
off.
Reference
The 5.0 V bandgap reference is trimmed to ±2.0%
tolerance at TJ = 25°C. The reference has short circuit
protection and is capable of providing in excess of 30 mA for
powering any additional control system circuitry.
Design Considerations
Do not attempt to construct the converter on
wire−wrap or plug−in prototype boards. High frequency
circuit layout techniques are imperative to prevent
pulse−width jitter. This is usually caused by excessive noise
pick−up imposed on the Current Sense or Voltage Feedback
inputs. Noise immunity can be improved by lowering circuit
impedances at these points. The printed circuit layout should
contain a ground plane with low current signal and high
current switch and output grounds returning on separate
paths back to the input filter capacitor. Ceramic bypass
capacitors (0.1 μF) connected directly to VCC and Vref may
be required depending upon circuit layout. This provides a
low impedance path for filtering the high frequency noise.
All high current loops should be kept as short as possible
using heavy copper runs to minimize radiated EMI. The
Error Amp compensation circuitry and the converter output
voltage−divider should be located close to the IC and as far
as possible from the power switch and other noise generating
components.


Podobny numer części - MC33065DW-H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC33065DW-H ONSEMI-MC33065DW-H Datasheet
417Kb / 14P
   HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS
1996 REV 0
More results

Podobny opis - MC33065DW-H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC34065-H ONSEMI-MC34065-H Datasheet
417Kb / 14P
   HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS
1996 REV 0
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com