Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC44608P40 Arkusz danych(PDF) 11 Page - ON Semiconductor

Numer części MC44608P40
Szczegółowy opis  Few External Components Reliable and Flexible SMPS Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC44608P40 Arkusz danych(HTML) 11 Page - ON Semiconductor

Back Button MC44608P40 Datasheet HTML 7Page - ON Semiconductor MC44608P40 Datasheet HTML 8Page - ON Semiconductor MC44608P40 Datasheet HTML 9Page - ON Semiconductor MC44608P40 Datasheet HTML 10Page - ON Semiconductor MC44608P40 Datasheet HTML 11Page - ON Semiconductor MC44608P40 Datasheet HTML 12Page - ON Semiconductor MC44608P40 Datasheet HTML 13Page - ON Semiconductor MC44608P40 Datasheet HTML 14Page - ON Semiconductor MC44608P40 Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MC44608
http://onsemi.com
11
Figure 9. Output Switching Speed
10
20
30
40
50
60
10
11
12
13
14
15
t_fall
t_rise
Pin6 VCC Voltage (V)
Figure 10. Frequency Stability
65.0
67.0
71.0
75.0
77.0
79.0
10
11
12
13
14
15
VCC Voltage (V)
73.0
69.0
−25
° C
25
° C
85
° C
Figure 11. Duty Cycle Control
0
10
40
60
70
80
0.0
0.5
1.0
1.5
2.0
2.5
Current Injected in Pin3 (mA)
50
20
−25
° C
25
° C
85
° C
90
30
4.98
0.5
1.5
2
2.5
Current Injected in Pin 3 (mA)
1
4.99
5.00
5.01
5.02
5.03
5.04
5.05
5.06
5.07
5.08
−25
° C
25
° C
85
° C
Figure 12. Vpin3 During the Working Period
1.5
−1.6
Current Injected in Pin 3 (mA)
−25
° C
25
° C
85
° C
−1.4
−1.2
−1.0
−.08
−.06
−.04
−.02
0.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Figure 13. Vpin3 During the Latched Off Period
Figure 14. Device Consumption when Switching
3.00
3.20
3.80
4.20
4.40
4.60
10
11
12
13
14
15
Pin6 VCC Voltage (V)
4.00
3.40
−25
° C
25
° C
85
° C
4.80
3.60


Podobny numer części - MC44608P40

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC44608P40 ONSEMI-MC44608P40 Datasheet
266Kb / 16P
   Few External Components Reliable Flexible GreenLine Very High Voltage PWM Controller
January, 2000 ??Rev. 2
More results

Podobny opis - MC44608P40

ProducentNumer częściArkusz danychSzczegółowy opis
logo
IK Semicon Co., Ltd
IL44608 IKSEMICON-IL44608 Datasheet
342Kb / 13P
   External Components Reliable and Flexible SMPS Controller
IL44608N IKSEMICON-IL44608N_16 Datasheet
712Kb / 13P
   External Components Reliable and Flexible SMPS Controller
IL44608N IKSEMICON-IL44608N Datasheet
498Kb / 13P
   External Components Reliable and Flexible SMPS Controller
logo
ON Semiconductor
MC44608 ONSEMI-MC44608 Datasheet
266Kb / 16P
   Few External Components Reliable Flexible GreenLine Very High Voltage PWM Controller
January, 2000 ??Rev. 2
logo
IK Semicon Co., Ltd
ILA7056B IKSEMICON-ILA7056B Datasheet
391Kb / 7P
   Few external components
logo
STMicroelectronics
STEVAL-ISA048V2 STMICROELECTRONICS-STEVAL-ISA048V2 Datasheet
164Kb / 4P
   Few external components
July 2009 Rev 1
logo
Unisonic Technologies
TDA7360L-J11-T UTC-TDA7360L-J11-T Datasheet
235Kb / 6P
   Very few external components
logo
Hotchip Technology Co.,...
PT4115 HOTCHIP-PT4115 Datasheet
733Kb / 8P
   Very few external components
logo
Shenzhen Huazhimei Semi...
HM8001 HMSEMI-HM8001 Datasheet
422Kb / 3P
   Single ASIC chip design with very few external components
logo
Maxim Integrated Produc...
MAX17245 MAXIM-MAX17245 Datasheet
1Mb / 17P
   Eliminates External Components and Reduces
Rev 0; 4/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com