Zakładka z wyszukiwarką danych komponentów |
|
MC100EL07MNR4 Arkusz danych(PDF) 4 Page - ON Semiconductor |
|
MC100EL07MNR4 Arkusz danych(HTML) 4 Page - ON Semiconductor |
4 / 9 page MC10EL07, MC100EL07 http://onsemi.com 4 Table 5. 100EL SERIES PECL DC CHARACTERISTICS VCC= 5.0 V; VEE= 0.0 V (Note 5) −40°C 25°C 85°C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit IEE Power Supply Current 14 17 14 17 16 20 mA VOH Output HIGH Voltage (Note 6) 3915 3995 4120 3975 4045 4120 3975 4050 4120 mV VOL Output LOW Voltage (Note 6) 3170 3305 3445 3190 3295 3380 3190 3295 3380 mV VIH Input HIGH Voltage 3835 4120 3835 4120 3835 4120 mV VIL Input LOW Voltage 3190 3525 3190 3525 3190 3525 mV IIH Input HIGH Current D0 D1 250 150 250 150 250 150 mA IIL Input LOW Current 0.5 0.5 0.5 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 5. Input and output parameters vary 1:1 with VCC. VEE can vary +0.8 V / −0.5 V. 6. Outputs are terminated through a 50 W resistor to VCC − 2.0 V. Table 6. 100EL SERIES NECL DC CHARACTERISTICS VCC= 0.0 V; VEE= −5.0 V (Note 7) −40°C 25°C 85°C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit IEE Power Supply Current 14 17 14 17 16 20 mA VOH Output HIGH Voltage (Note 8) −1085 −1005 −880 −1025 −955 −880 −1025 −955 −880 mV VOL Output LOW Voltage (Note 8) −1830 −1695 −1555 −1810 −1705 −1620 −1810 −1705 −1620 mV VIH Input HIGH Voltage −1165 −880 −1165 −880 −1165 −880 mV VIL Input LOW Voltage −1810 −1475 −1810 −1475 −1810 −1475 mV IIH Input HIGH Current D0 D1 250 150 250 150 250 150 mA IIL Input LOW Current 0.5 0.5 0.5 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 7. Input and output parameters vary 1:1 with VCC. VEE can vary +0.8 V / −0.5 V. 8. Outputs are terminated through a 50 W resistor to VCC − 2.0 V. |
Podobny numer części - MC100EL07MNR4 |
|
Podobny opis - MC100EL07MNR4 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |