Zakładka z wyszukiwarką danych komponentów |
|
MC100EL11 Arkusz danych(PDF) 5 Page - ON Semiconductor |
|
MC100EL11 Arkusz danych(HTML) 5 Page - ON Semiconductor |
5 / 9 page MC10EL11, MC100EL11 http://onsemi.com 5 Table 8. AC CHARACTERISTICS VCC = 5.0 V; VEE = 0.0 V or VCC = 0.0 V; VEE = −5.0 V (Note 14) −40°C 25°C 85°C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit fmax Maximum Toggle Frequency 1.5 GHz tPLH tPHL Propagation Delay to Output 135 260 385 190 265 340 215 29*0 365 ps tSKEW Within-Device Skew (Note 15) Duty Cycle Skew (Note 16) 5 5 5 5 20 20 5 5 20 20 ps tJITTER Random Clock Jitter (RMS) 0.6 ps VPP Input Swing (Note 17) 150 1000 150 1000 150 1000 mV tr tf Output Rise/Fall Times Q (20% − 80%) 100 225 350 100 225 350 100 225 350 ps NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 14.10 Series: VEE can vary +0.25 V / −0.5 V. 100 Series: VEE can vary +0.8 V / −0.5 V. 15.Within-device skew defined as identical transitions on similar paths through a device. 16.Duty cycle skew is the difference between a tPLH and tPHL propagation delay through a device. 17.VPP(min) is minimum input swing for which AC parameters guaranteed. The device has a DC gain of ≈ 40. Figure 2. Typical Termination for Output Driver and Device Evaluation (See Application Note AND8020/D − Termination of ECL Logic Devices.) Driver Device Receiver Device QD Q D Zo = 50 W Zo = 50 W 50 W 50 W VTT VTT = VCC − 3.0 V |
Podobny numer części - MC100EL11 |
|
Podobny opis - MC100EL11 |