Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MJ11021G Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części MJ11021G
Szczegółowy opis  Complementary Darlington Silicon Power Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ11021G Arkusz danych(HTML) 4 Page - ON Semiconductor

  MJ11021G Datasheet HTML 1Page - ON Semiconductor MJ11021G Datasheet HTML 2Page - ON Semiconductor MJ11021G Datasheet HTML 3Page - ON Semiconductor MJ11021G Datasheet HTML 4Page - ON Semiconductor MJ11021G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MJ11021(PNP)
MJ11022 (NPN)
http://onsemi.com
4
COLLECTOR CURRENT (AMPS)
4.0
0.1
3.0
2.5
1.5
3.5
2.0
1.0
0.5
0.7 1.0
2.0 3.0 5.0
10
7.0
50
30
20
70
4.0
3.0
2.5
1.5
3.5
2.0
1.0
0.5
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
Figure 6. DC Current Gain
Figure 7. Collector Saturation Region
IB, BASE CURRENT (mA)
7000
5000
10,000
0.3
0.5
1.0
20
0.2
3000
2000
1000
700
500
300
200
0.7
COLLECTOR CURRENT (AMPS)
Figure 8. “On” Voltages
VBE(sat) @ IC/IB = 100
VCE = 5.0 Vdc
100
3.0
5.0
10
7.0
15
2.0
20,000
10,000
30,000
2000
1000
700
500
300
TJ = 25°C
TJ = 150°C
TJ = − 55°C
7000
5000
3000
4.0
0.5
IB, BASE CURRENT (mA)
500
3.0
2.5
1.5
3.5
2.0
1.0
0.5
300
200
0.7 1.0
2.0 3.0 5.0
10
7.0
50
30
20
100
70
IC = 5.0 A
TJ = 25°C
IC = 15 A
0.2 0.3 0.5
TJ = 25°C
VBE @ VCE = 5.0 V
VCE(sat) @ IC/IB = 100
PNP
NPN
PNP
NPN
PNP
NPN
0.3
0.5
1.0
20
0.2
0.7
3.0
5.0
10
7.0
15
2.0
VCE = 5.0 Vdc
TJ = 150°C
TJ = 25°C
TJ = − 55°C
IC = 10 A
4.0
0.5
500
3.0
2.5
1.5
3.5
2.0
1.0
0.5
300
200
0.7 1.0
2.0 3.0 5.0
10
7.0
50
30
20
100
70
TJ = 25°C
IC = 5.0 A
IC = 15 A
IC = 10 A
0.1
0.7 1.0
2.0 3.0 5.0
10
7.0
50
30
20
0.2 0.3 0.5
TJ = 25°C
VBE(sat) @ IC/IB = 100
VBE @ VCE = 5.0 V
VCE(sat) @ IC/IB = 100


Podobny numer części - MJ11021G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MJ11021G ONSEMI-MJ11021G Datasheet
132Kb / 5P
   Complementary Darlington Silicon Power Transistors
September, 2008 ??Rev. 3
More results

Podobny opis - MJ11021G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com