Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100EP52 Arkusz danych(PDF) 10 Page - ON Semiconductor

Numer części MC100EP52
Szczegółowy opis  3.3V / 5V ECL Differential Data and Clock D Flip?묯lop
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP52 Arkusz danych(HTML) 10 Page - ON Semiconductor

Back Button MC100EP52 Datasheet HTML 4Page - ON Semiconductor MC100EP52 Datasheet HTML 5Page - ON Semiconductor MC100EP52 Datasheet HTML 6Page - ON Semiconductor MC100EP52 Datasheet HTML 7Page - ON Semiconductor MC100EP52 Datasheet HTML 8Page - ON Semiconductor MC100EP52 Datasheet HTML 9Page - ON Semiconductor MC100EP52 Datasheet HTML 10Page - ON Semiconductor MC100EP52 Datasheet HTML 11Page - ON Semiconductor MC100EP52 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MC10EP52, MC100EP52
http://onsemi.com
10
PACKAGE DIMENSIONS
SOIC−8 NB
CASE 751−07
ISSUE AH
SEATING
PLANE
1
4
5
8
N
J
X 45
_
K
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
6. 751−01 THRU 751−06 ARE OBSOLETE. NEW
STANDARD IS 751−07.
A
B
S
D
H
C
0.10 (0.004)
DIM
A
MIN
MAX
MIN
MAX
INCHES
4.80
5.00
0.189
0.197
MILLIMETERS
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.053
0.069
D
0.33
0.51
0.013
0.020
G
1.27 BSC
0.050 BSC
H
0.10
0.25
0.004
0.010
J
0.19
0.25
0.007
0.010
K
0.40
1.27
0.016
0.050
M
0
8
0
8
N
0.25
0.50
0.010
0.020
S
5.80
6.20
0.228
0.244
−X−
−Y−
G
M
Y
M
0.25 (0.010)
−Z−
Y
M
0.25 (0.010)
Z
S
X S
M
__
__
1.52
0.060
7.0
0.275
0.6
0.024
1.270
0.050
4.0
0.155
mm
inches
SCALE 6:1
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*


Podobny numer części - MC100EP52

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EP52 ONSEMI-MC100EP52 Datasheet
83Kb / 10P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination Data and Clock D Flip-Flop
June, 2004 ??Rev. 3
MC100EP52D ONSEMI-MC100EP52D Datasheet
83Kb / 10P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination Data and Clock D Flip-Flop
June, 2004 ??Rev. 3
MC100EP52D ONSEMI-MC100EP52D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100EP52DG ONSEMI-MC100EP52DG Datasheet
189Kb / 11P
   ECL Differential Data and Clock D Flip?륡lop
August, 2016 ??Rev. 8
MC100EP52DR2 ONSEMI-MC100EP52DR2 Datasheet
83Kb / 10P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination Data and Clock D Flip-Flop
June, 2004 ??Rev. 3
More results

Podobny opis - MC100EP52

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EP51 ONSEMI-MC10EP51_06 Datasheet
155Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Reset and Differential Clock
November, 2006 ??Rev. 6
MC10EP29 ONSEMI-MC10EP29_06 Datasheet
173Kb / 11P
   3.3V / 5V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
December, 2006 ??Rev. 4
MC100EL29 ONSEMI-MC100EL29_06 Datasheet
116Kb / 6P
   5V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
October, 2006 ??Rev. 4
MC100LVEL29 ONSEMI-MC100LVEL29_06 Datasheet
120Kb / 6P
   3.3V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
November, 2006 ??Rev. 5
MC10EP35 ONSEMI-MC10EP35_06 Datasheet
157Kb / 11P
   3.3V / 5V ECL JK Flip?묯lop
December, 2006 ??Rev. 5
MC10EL52 ONSEMI-MC10EL52_06 Datasheet
153Kb / 9P
   5V ECL Differential Data and Clock D Flip-Flop
December, 2006 ??Rev. 5
MC10EP31 ONSEMI-MC10EP31_06 Datasheet
158Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Set and Reset
December, 2006 ??Rev. 9
logo
Micrel Semiconductor
SY10EP52V MICREL-SY10EP52V Datasheet
117Kb / 7P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
logo
ON Semiconductor
MC10EP51 ONSEMI-MC10EP51 Datasheet
76Kb / 8P
   3.3V / 5V ECL D Flip-Flop with Reset and Differential Clock
April, 2001 ??Rev. 3
MC10EP29 ONSEMI-MC10EP29 Datasheet
73Kb / 8P
   3.3V / 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset
September, 2002 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com