Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10EP57DT Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC10EP57DT
Szczegółowy opis  3.3V / 5V ECL 4:1 Differential Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP57DT Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC10EP57DT Datasheet HTML 1Page - ON Semiconductor MC10EP57DT Datasheet HTML 2Page - ON Semiconductor MC10EP57DT Datasheet HTML 3Page - ON Semiconductor MC10EP57DT Datasheet HTML 4Page - ON Semiconductor MC10EP57DT Datasheet HTML 5Page - ON Semiconductor MC10EP57DT Datasheet HTML 6Page - ON Semiconductor MC10EP57DT Datasheet HTML 7Page - ON Semiconductor MC10EP57DT Datasheet HTML 8Page - ON Semiconductor MC10EP57DT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2006
December, 2006 − Rev. 12
1
Publication Order Number:
MC10EP57/D
MC10EP57, MC100EP57
3.3V / 5VECL 4:1
Differential Multiplexer
Description
The MC10/100EP57 is a fully differential 4:1 multiplexer. By
leaving the SEL1 line open (pulled LOW via the input pulldown
resistors) the device can also be used as a differential 2:1 multiplexer
with SEL0 input selecting between D0 and D1. The fully differential
architecture of the EP57 makes it ideal for use in low skew
applications such as clock distribution.
The SEL1 is the most significant select line. The binary number
applied to the select inputs will select the same numbered data input
(i.e., 00 selects D0).
Multiple VBB outputs are provided. The VBB pin, an internally
generated voltage supply, is available to this device only. For
single−ended input conditions, the unused differential input is
connected to VBB as a switching reference voltage. VBB may also
rebias AC coupled inputs. When used, decouple VBB and VCC via a
0.01
mF capacitor and limit current sourcing or sinking to 0.5 mA.
When not used, VBB should be left open.
The 100 Series contains temperature compensation.
Features
375 ps Typical Propagation Delays
Maximum Frequency > 2 GHz Typical
PECL Mode Operating Range:
VCC = 3.0 V to 5.5 V with VEE = 0 V
NECL Mode Operating Range:
VCC = 0 V with VEE = −3.0 V to −5.5 V
Open Input Default State
Safety Clamp on Inputs
Q Output will default LOW with inputs open or at VEE
VBB Outputs
Useful as Either 4:1 or 2:1 Multiplexer
These are Pb−Free Devices
MARKING
DIAGRAM*
xxx
= MC10 or 100
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
http://onsemi.com
(Note: Microdot may be in either location)
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
*For additional marking information, refer to
Application Note AND8002/D.
TSSOP−20
DT SUFFIX
CASE 948E
XXXX
EP57
ALYWG
G
1
20
QFN−20
MN SUFFIX
CASE 485E
XXXX
EP57
ALYWG
G


Podobny numer części - MC10EP57DT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EP57DT ONSEMI-MC10EP57DT Datasheet
99Kb / 8P
   4:1 Differential Multiplexer
April, 2000 ??Rev. 2
MC10EP57DT ONSEMI-MC10EP57DT Datasheet
77Kb / 10P
   3.3V / 5V ECL 4:1 Differential Multiplexer
October, 2004 ??Rev. 9
MC10EP57DTG ONSEMI-MC10EP57DTG Datasheet
113Kb / 10P
   ECL 4:1 Differential Multiplexer
April, 2014 ??Rev. 13
MC10EP57DTR2 ONSEMI-MC10EP57DTR2 Datasheet
99Kb / 8P
   4:1 Differential Multiplexer
April, 2000 ??Rev. 2
MC10EP57DTR2 ONSEMI-MC10EP57DTR2 Datasheet
77Kb / 10P
   3.3V / 5V ECL 4:1 Differential Multiplexer
October, 2004 ??Rev. 9
More results

Podobny opis - MC10EP57DT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EP57 ONSEMI-MC100EP57 Datasheet
77Kb / 10P
   3.3V / 5V ECL 4:1 Differential Multiplexer
October, 2004 ??Rev. 9
logo
Micrel Semiconductor
SY100EP57V MICREL-SY100EP57V Datasheet
479Kb / 8P
   3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
logo
ON Semiconductor
MC10EL57 ONSEMI-MC10EL57_06 Datasheet
124Kb / 8P
   5V ECL 4:1 Differential Multiplexer
November, 2006 ??Rev. 7
MC10EP56 ONSEMI-MC10EP56_06 Datasheet
182Kb / 11P
   3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2006 ??Rev. 14
NB100LVEP56 ONSEMI-NB100LVEP56 Datasheet
153Kb / 14P
   2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2004 ??Rev. 5
MC10EP58 ONSEMI-MC10EP58_06 Datasheet
157Kb / 11P
   3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
MC100EP58 ONSEMI-MC100EP58 Datasheet
69Kb / 8P
   3.3V / 5V ECL 2:1 Multiplexer
June, 2001 ??Rev. 4
logo
Micrel Semiconductor
SY100EP56V MICREL-SY100EP56V Datasheet
478Kb / 8P
   3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10E457 ONSEMI-MC10E457_16 Datasheet
167Kb / 9P
   5V ECL Triple Differential 2:1 Multiplexer
July, 2016 ??Rev. 9
MC100EL56 ONSEMI-MC100EL56_06 Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com