Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10H016 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC10H016
Szczegółowy opis  4?묪it Binary Counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H016 Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC10H016 Datasheet HTML 1Page - ON Semiconductor MC10H016 Datasheet HTML 2Page - ON Semiconductor MC10H016 Datasheet HTML 3Page - ON Semiconductor MC10H016 Datasheet HTML 4Page - ON Semiconductor MC10H016 Datasheet HTML 5Page - ON Semiconductor MC10H016 Datasheet HTML 6Page - ON Semiconductor MC10H016 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 8
1
Publication Order Number:
MC10H016/D
MC10H016
4−Bit Binary Counter
Description
The MC10H016 is a high−speed synchronous, presettable,
cascadable 4−bit binary counter. It is useful for a large number of
conversion, counting and digital integration applications.
Features
Counting Frequency, 200 MHz Minimum
Improved Noise Margin 150 mV (Over Operating Voltage and
Temperature Range)
Voltage Compensated
MECL 10K™ − Compatible
Positive Edge Triggered
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
CDIP−16
L SUFFIX
CASE 620
MARKING DIAGRAMS*
PDIP−16
P SUFFIX
CASE 648
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
(Note: Microdot may be in either location)
PLLC−20
FN SUFFIX
CASE 775
20 1
10H016G
AWLYYWW
120
16
1
16
1
MC10H016P
AWLYYWWG
1
16
MC10H016L
AWLYYWW
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G= Pb−Free Package


Podobny numer części - MC10H016

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H016 ONSEMI-MC10H016 Datasheet
140Kb / 4P
   4-Bit Binary Counter
REV 6
MC10H016 ONSEMI-MC10H016 Datasheet
150Kb / 5P
   4?륛it Binary Counter
August, 2016 ??Rev. 9
MC10H016FNR2G ONSEMI-MC10H016FNR2G Datasheet
150Kb / 5P
   4?륛it Binary Counter
August, 2016 ??Rev. 9
MC10H016PG ONSEMI-MC10H016PG Datasheet
150Kb / 5P
   4?륛it Binary Counter
August, 2016 ??Rev. 9
MC10H016 ONSEMI-MC10H016_16 Datasheet
150Kb / 5P
   4?륛it Binary Counter
August, 2016 ??Rev. 9
More results

Podobny opis - MC10H016

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74VHCT393A ONSEMI-MC74VHCT393A Datasheet
249Kb / 9P
   Dual 4?묪it Binary Ripple Counter
June, 2006 ??Rev. 1
MC14020B ONSEMI-MC14020B_05 Datasheet
114Kb / 8P
   14?묪it Binary Counter
August, 2005 ??Rev. 6
MC14040B ONSEMI-MC14040B_05 Datasheet
119Kb / 8P
   12?묪it Binary Counter
August, 2005 ??Rev. 7
MC100EP016A ONSEMI-MC100EP016A_06 Datasheet
157Kb / 11P
   3.3 V ECL 8?묪it Synchronous Binary Up Counter
November 2006 ??Rev. 6
MC10E016 ONSEMI-MC10E016_06 Datasheet
175Kb / 12P
   5.0 V ECL 8?묪it Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC10EP016 ONSEMI-MC10EP016_06 Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
logo
NXP Semiconductors
74F161A PHILIPS-74F161A Datasheet
111Kb / 14P
   4-bit binary counter
1996 Jan 29
logo
ON Semiconductor
SN74LS90 ONSEMI-SN74LS90 Datasheet
172Kb / 7P
   4-BIT BINARY COUNTER
July, 2006 ??Rev. 6
SN54-74LS290 ONSEMI-SN54-74LS290 Datasheet
74Kb / 5P
   DECADE COUNTER; 4-BIT BINARY COUNTER
logo
Hitachi Semiconductor
HD74HC93 HITACHI-HD74HC93 Datasheet
55Kb / 11P
   4-bit Binary Counter
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com