Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100EP139DWR2G Arkusz danych(PDF) 11 Page - ON Semiconductor

Numer części MC100EP139DWR2G
Szczegółowy opis  3.3V / 5V ECL 첨2/4, 첨4/5/6 Clock Generation Chip
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP139DWR2G Arkusz danych(HTML) 11 Page - ON Semiconductor

Back Button MC100EP139DWR2G Datasheet HTML 6Page - ON Semiconductor MC100EP139DWR2G Datasheet HTML 7Page - ON Semiconductor MC100EP139DWR2G Datasheet HTML 8Page - ON Semiconductor MC100EP139DWR2G Datasheet HTML 9Page - ON Semiconductor MC100EP139DWR2G Datasheet HTML 10Page - ON Semiconductor MC100EP139DWR2G Datasheet HTML 11Page - ON Semiconductor MC100EP139DWR2G Datasheet HTML 12Page - ON Semiconductor MC100EP139DWR2G Datasheet HTML 13Page - ON Semiconductor MC100EP139DWR2G Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MC10EP139, MC100EP139
http://onsemi.com
11
ORDERING INFORMATION
Device
Package
Shipping
MC10EP139DT
TSSOP−20*
75 Units / Rail
MC10EP139DTG
TSSOP−20*
75 Units / Rail
MC10EP139DTR2
TSSOP−20*
2500 / Tape & Reel
MC10EP139DTR2G
TSSOP−20*
2500 / Tape & Reel
MC10EP139DW
SOIC−20
38 Units / Rail
MC10EP139DWG
SOIC−20
(Pb−Free
38 Units / Rail
MC10EP139DWR2
SOIC−20
1000 / Tape & Reel
MC10EP139DWR2G
SOIC−20
(Pb−Free
1000 / Tape & Reel
MC10EP139MNG
QFN−20
(Pb−Free)
92 Units / Rail
MC10EP139MNTXG
QFN−20
(Pb−Free)
3000 / Tape & Reel
MC100EP139DT
TSSOP−20*
75 Units / Rail
MC100EP139DTG
TSSOP−20*
75 Units / Rail
MC100EP139DTR2
TSSOP−20*
2500 / Tape & Reel
MC100EP139DTR2G
TSSOP−20*
2500 / Tape & Reel
MC100EP139DW
SOIC−20
38 Units / Rail
MC100EP139DWG
SOIC−20
(Pb−Free
38 Units / Rail
MC100EP139DWR2
SOIC−20
1000 / Tape & Reel
MC100EP139DWR2G
SOIC−20
(Pb−Free
1000 / Tape & Reel
MC100EP139MNG
QFN−20
(Pb−Free)
92 Units / Rail
MC100EP139MNTXG
QFN−20
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.
Resource Reference of Application Notes
AN1405/D
− ECL Clock Distribution Techniques
AN1406/D
− Designing with PECL (ECL at +5.0 V)
AN1503/D
− ECLinPSt I/O SPiCE Modeling Kit
AN1504/D
− Metastability and the ECLinPS Family
AN1568/D
− Interfacing Between LVDS and ECL
AN1672/D
− The ECL Translator Guide
AND8001/D − Odd Number Counters Design
AND8002/D − Marking and Date Codes
AND8020/D − Termination of ECL Logic Devices
AND8066/D − Interfacing with ECLinPS
AND8090/D − AC Characteristics of ECL Devices


Podobny numer części - MC100EP139DWR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EP139DWR2G ONSEMI-MC100EP139DWR2G Datasheet
218Kb / 14P
   Clock Generation Chip
August, 2016 ??Rev. 14
More results

Podobny opis - MC100EP139DWR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EL38 ONSEMI-MC100EL38_06 Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
MC100EL39 ONSEMI-MC100EL39 Datasheet
120Kb / 7P
   5V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 6
MC100LVEL38 ONSEMI-MC100LVEL38_06 Datasheet
123Kb / 7P
   3.3V ECL 첨2, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 8
MC100LVEL39 ONSEMI-MC100LVEL39 Datasheet
120Kb / 6P
   3.3V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 9
logo
Micrel Semiconductor
SY10EL38 MICREL-SY10EL38 Datasheet
73Kb / 6P
   5V/3.3V 첨2, 첨4/6 CLOCK GENERATION CHIP
logo
ON Semiconductor
MC10EL34 ONSEMI-MC10EL34_06 Datasheet
133Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 10
MC100EL34 ONSEMI-MC100EL34 Datasheet
69Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
October, 2000 ??Rev. 3
MC100LVEL34 ONSEMI-MC100LVEL34_06 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC100LVEL34 ONSEMI-MC100LVEL34 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
logo
Micrel Semiconductor
SY100S839V MICREL-SY100S839V Datasheet
68Kb / 5P
   첨2/4, 첨4/5/6 CLOCK GENERATION CHIP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com