Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10H100P Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC10H100P
Szczegółowy opis  Quad 2?묲nput NOR Gate With Strobe
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H100P Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC10H100P Datasheet HTML 1Page - ON Semiconductor MC10H100P Datasheet HTML 2Page - ON Semiconductor MC10H100P Datasheet HTML 3Page - ON Semiconductor MC10H100P Datasheet HTML 4Page - ON Semiconductor MC10H100P Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC10H100
http://onsemi.com
3
Table 3. AC CHARACTERISTICS
Symbol
Characteristic
25°
75°
Unit
Min
Max
Min
Max
Min
Max
tpd
Propagation Delay
Pin 9 Only
Exclude Pin 9
0.65
0.4
1.6
1.3
0.7
0.45
1.7
1.35
0.7
0.5
1.8
1.5
ns
tr
Rise Time
0.5
2.0
0.5
2.1
0.5
2.2
ns
tf
Fall Time
0.5
2.0
0.5
2.1
0.5
2.2
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
ORDERING INFORMATION
Device
Package
Shipping
MC10H100M
SOEIAJ−16
50 Unit / Rail
MC10H100MG
SOEIAJ−16
(Pb−Free)
50 Unit / Rail
MC10H100MEL
SOEIAJ−16
2000 / Tape & Reel
MC10H100MELG
SOEIAJ−16
(Pb−Free)
2000 / Tape & Reel
MC10H100L
CDIP−16
25 Unit / Rail
MC10H100P
PDIP−16
25 Unit / Rail
MC10H100PG
PDIP−16
(Pb−Free)
25 Unit / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Podobny numer części - MC10H100P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H100P ONSEMI-MC10H100P Datasheet
110Kb / 4P
   Quad 2 - input NOR GATE With strobe
March, 2000 ??Rev. 6
More results

Podobny opis - MC10H100P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74VHCT02A ONSEMI-MC74VHCT02A_06 Datasheet
156Kb / 8P
   Quad 2?묲nput NOR Gate
March, 2006 ??Rev. 4
MC74VHC02 ONSEMI-MC74VHC02 Datasheet
82Kb / 5P
   Quad 2?묲nput NOR Gate
November, 2005 ??Rev. 4
NLSF302MN ONSEMI-NLSF302MN Datasheet
64Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
MC74AC02 ONSEMI-MC74AC02 Datasheet
141Kb / 10P
   Quad 2?묲nput NOR Gate
October, 2006 ??Rev. 7
MC10H102 ONSEMI-MC10H102_06 Datasheet
150Kb / 6P
   Quad 2?묲nput NOR Gate
February, 2006 ??Rev. 7
NLSF302 ONSEMI-NLSF302_06 Datasheet
68Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
logo
NXP Semiconductors
10100 PHILIPS-10100 Datasheet
169Kb / 4P
   Quad 2-Input NOR Gate with Strobe
June 14 1990
logo
ON Semiconductor
MC10H100 ONSEMI-MC10H100 Datasheet
110Kb / 4P
   Quad 2 - input NOR GATE With strobe
March, 2000 ??Rev. 6
MC74VHC1G02DTT1G ONSEMI-MC74VHC1G02DTT1G Datasheet
65Kb / 6P
   Single 2?묲nput NOR Gate
January, 2007 ??Rev. 17
NL27WZ02 ONSEMI-NL27WZ02_06 Datasheet
63Kb / 5P
   Dual 2?묲nput NOR Gate
May, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com