Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10H123 Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części MC10H123
Szczegółowy opis  Triple 4?????묲nput Bus Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H123 Arkusz danych(HTML) 2 Page - ON Semiconductor

  MC10H123_06 Datasheet HTML 1Page - ON Semiconductor MC10H123_06 Datasheet HTML 2Page - ON Semiconductor MC10H123_06 Datasheet HTML 3Page - ON Semiconductor MC10H123_06 Datasheet HTML 4Page - ON Semiconductor MC10H123_06 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MC10H123
http://onsemi.com
2
Figure 1. LOGIC DIAGRAM
Figure 2. Dip Pin Assignment
VCC1
BOUT
AOUT
AIN
AIN
AIN
AIN
VEE
VCC2
COUT
CIN
CIN
CIN
BIN
BIN
BIN
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VCC1 = PIN 1
VCC2 = PIN 16
VEE = PIN 8
3
5
6
7
4
2
9
10
11
15
12
13
14
Pin assignment is for Dual−in−Line Package.
Table 1. MAXIMUM RATINGS
Symbol
Characteristic
Rating
Unit
VEE
Power Supply (VCC = 0)
−8.0 to 0
Vdc
VI
Input Voltage (VCC = 0)
0 to VEE
Vdc
Iout
Output Current
Continuous
Surge
50
100
mA
TA
Operating Temperature Range
0 to +75
°C
Tstg
Storage Temperature Range Plastic
Ceramic
−55 to +150
−55 to +165
°C
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
Table 2. ELECTRICAL CHARACTERISTICS (VEE = −5.2 V ±5%) (Note 1)
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
IE
Power Supply Current
60
56
60
mA
IinH
Input Current High
495
310
310
mA
IinL
Input Current Low
0.5
0.5
0.3
mA
VOH
High Output Voltage
−1.02
−0.84
−0.98
−0.81
−0.92
−0.735
Vdc
VOL
Low Output Voltage
−2.1
−2.03
−2.1
−2.03
−2.1
−2.03
Vdc
VIH
High Input Voltage
−1.17
−0.84
−1.13
−0.81
−1.07
−0.735
Vdc
VIL
Low Input Voltage
−1.95
−1.48
−1.95
−1.48
−1.95
−1.45
Vdc
1. Each MECL 10H™ series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained.
Outputs are terminated through a 50 W resistor to −2.1 V.


Podobny numer części - MC10H123_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H123FNG ONSEMI-MC10H123FNG Datasheet
146Kb / 5P
   Triple 4?????륤nput Bus Driver
August, 2016 ??Rev. 8
MC10H123FNR2G ONSEMI-MC10H123FNR2G Datasheet
146Kb / 5P
   Triple 4?????륤nput Bus Driver
August, 2016 ??Rev. 8
MC10H123PG ONSEMI-MC10H123PG Datasheet
146Kb / 5P
   Triple 4?????륤nput Bus Driver
August, 2016 ??Rev. 8
MC10H123 ONSEMI-MC10H123_16 Datasheet
146Kb / 5P
   Triple 4?????륤nput Bus Driver
August, 2016 ??Rev. 8
More results

Podobny opis - MC10H123_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H106 ONSEMI-MC10H106_06 Datasheet
150Kb / 6P
   Triple 4?????묲nput NOR Gate
February, 2006 ??Rev. 9
MC10H123 ONSEMI-MC10H123_16 Datasheet
146Kb / 5P
   Triple 4?????륤nput Bus Driver
August, 2016 ??Rev. 8
MC10123 ONSEMI-MC10123 Datasheet
102Kb / 4P
   Triple 4-3-3-Input Bus Driver
1996 REV 5
MC10123 ONSEMI-MC10123_02 Datasheet
88Kb / 4P
   Triple 4-3-3-Input Bus Driver
January, 2002 ??Rev. 7
MC10H123 ONSEMI-MC10H123 Datasheet
100Kb / 4P
   Triple 4-3-3-Input Bus Driver
REV 5
logo
NXP Semiconductors
10123 PHILIPS-10123 Datasheet
231Kb / 6P
   Triple 4-3-3-Input Bus Driver
June 14 1990
logo
ON Semiconductor
MC74AC11DTR2 ONSEMI-MC74AC11DTR2 Datasheet
131Kb / 9P
   Triple 3?묲nput AND Gate
October, 2006 ??Rev. 7
MC74AC11D ONSEMI-MC74AC11D Datasheet
131Kb / 9P
   Triple 3?묲nput AND Gate
October, 2006 ??Rev. 7
MC10H105 ONSEMI-MC10H105_06 Datasheet
150Kb / 6P
   Triple 2?????묲nput OR/NOR Gate
February, 2006 ??Rev. 7
MC74AC153 ONSEMI-MC74AC153 Datasheet
180Kb / 12P
   Dual 4?묲nput Multiplexer
March, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com