Zakładka z wyszukiwarką danych komponentów |
|
MC10H117P Arkusz danych(PDF) 4 Page - ON Semiconductor |
|
MC10H117P Arkusz danych(HTML) 4 Page - ON Semiconductor |
4 / 6 page MC10H117 http://onsemi.com 4 PACKAGE DIMENSIONS −M− −N− −L− Y BRK W V D D S L−M M 0.007 (0.180) N S T S L−M M 0.007 (0.180) N S T S L−M S 0.010 (0.250) N S T X G1 B U Z VIEW D−D 20 1 S L−M M 0.007 (0.180) N S T S L−M M 0.007 (0.180) N S T S L−M S 0.010 (0.250) N S T C G VIEW S E J R Z A 0.004 (0.100) −T− SEATING PLANE S L−M M 0.007 (0.180) N S T S L−M M 0.007 (0.180) N S T H VIEW S K K1 F G1 20 LEAD PLLC CASE 775−02 ISSUE E NOTES: 1. DIMENSIONS AND TOLERANCING PER ANSI Y14.5M, 1982. 2. DIMENSIONS IN INCHES. 3. DATUMS −L−, −M−, AND −N− DETERMINED WHERE TOP OF LEAD SHOULDER EXITS PLASTIC BODY AT MOLD PARTING LINE. 4. DIMENSION G1, TRUE POSITION TO BE MEASURED AT DATUM −T−, SEATING PLANE. 5. DIMENSIONS R AND U DO NOT INCLUDE MOLD FLASH. ALLOWABLE MOLD FLASH IS 0.010 (0.250) PER SIDE. 6. DIMENSIONS IN THE PACKAGE TOP MAY BE SMALLER THAN THE PACKAGE BOTTOM BY UP TO 0.012 (0.300). DIMENSIONS R AND U ARE DETERMINED AT THE OUTERMOST EXTREMES OF THE PLASTIC BODY EXCLUSIVE OF MOLD FLASH, TIE BAR BURRS, GATE BURRS AND INTERLEAD FLASH, BUT INCLUDING ANY MISMATCH BETWEEN THE TOP AND BOTTOM OF THE PLASTIC BODY. 7. DIMENSION H DOES NOT INCLUDE DAMBAR PROTRUSION OR INTRUSION. THE DAMBAR PROTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE GREATER THAN 0.037 (0.940). THE DAMBAR INTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE SMALLER THAN 0.025 (0.635). DIM MIN MAX MIN MAX MILLIMETERS INCHES A 0.385 0.395 9.78 10.03 B 0.385 0.395 9.78 10.03 C 0.165 0.180 4.20 4.57 E 0.090 0.110 2.29 2.79 F 0.013 0.019 0.33 0.48 G 0.050 BSC 1.27 BSC H 0.026 0.032 0.66 0.81 J 0.020 −−− 0.51 −−− K 0.025 −−− 0.64 −−− R 0.350 0.356 8.89 9.04 U 0.350 0.356 8.89 9.04 V 0.042 0.048 1.07 1.21 W 0.042 0.048 1.07 1.21 X 0.042 0.056 1.07 1.42 Y −−− 0.020 −−− 0.50 Z 2 10 2 10 G1 0.310 0.330 7.88 8.38 K1 0.040 −−− 1.02 −−− __ __ |
Podobny numer części - MC10H117P |
|
Podobny opis - MC10H117P |