Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10H644FN Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC10H644FN
Szczegółowy opis  68030/040 PECL to TTL Clock Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H644FN Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC10H644FN Datasheet HTML 1Page - ON Semiconductor MC10H644FN Datasheet HTML 2Page - ON Semiconductor MC10H644FN Datasheet HTML 3Page - ON Semiconductor MC10H644FN Datasheet HTML 4Page - ON Semiconductor MC10H644FN Datasheet HTML 5Page - ON Semiconductor MC10H644FN Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 6
1
Publication Order Number:
MC10H644/D
MC10H644, MC100H644
68030/040 PECL to TTL
Clock Driver
The MC10H/100H644 generates the necessary clocks for the
68030, 68040 and similar microprocessors. The device is functionally
equivalent to the H640, but with fewer outputs in a smaller outline
20−lead PLCC package. It is guaranteed to meet the clock
specifications required by the 68030 and 68040 in terms of
part−to−part skew, within−part skew and also duty cycle skew.
The user has a choice of using either TTL or PECL (ECL referenced
to +5.0 V) for the input clock. TTL clocks are typically used in present
MPU systems. However, as clock speeds increase to 50 MHz and
beyond, the inherent superiority of ECL (particularly differential
ECL) as a means of clock signal distribution becomes increasingly
evident. The H644 also uses differential ECL internally to achieve its
superior skew characteristic.
The H644 includes divide−by−two and divide−by−four stages, both
to achieve the necessary duty cycle and skew to generate MPU clocks
as required. A typical 50 MHz processor application would use an
input clock running at 100 MHz, thus obtaining output clocks at
50 MHz and 25 MHz (see Logic Symbol).
The 10H version is compatible with MECL™ 10H ECL logic levels,
while the 100H version is compatible with 100K levels (referenced
to +5.0 V).
Generates Clocks for 68030/040
Meets 68030/040 Skew Requirements
TTL or PECL Input Clock
Extra TTL and ECL Power/Ground Pins
Within Device Skew on Similar Paths is 0.5 ns
Asynchronous Reset
Single +5.0 V Supply
Function
Reset (R): LOW on RESET forces all Q outputs LOW and all Q
outputs HIGH.
Synchronized Outputs: The device is designed to have the POS
edges of the ÷2 and ÷4 outputs synchronized.
Select (SEL): LOW selects the PECL input source (DE/DE). HIGH
selects the TTL input source (DT).
The H644 also contains circuitry to force a stable state of the PECL
input differential pair, should both sides be left open. In this case, the
DE side of the input is pulled LOW, and DE goes HIGH.
Device
Package
Shipping
ORDERING INFORMATION
MC10H644FN
PLCC−20
37 Units/Rail
MARKING
DIAGRAM
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
PLCC−20
FN SUFFIX
CASE 775
10H644
AWLYYWW
1
MC100H644FN
PLCC−20
37 Units/Rail
http://onsemi.com


Podobny numer części - MC10H644FN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H644 ONSEMI-MC10H644 Datasheet
101Kb / 5P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 3
More results

Podobny opis - MC10H644FN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H644 ONSEMI-MC10H644 Datasheet
101Kb / 5P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H642 ONSEMI-MC10H642_06 Datasheet
172Kb / 10P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H640 ONSEMI-MC10H640_06 Datasheet
140Kb / 9P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H642 ONSEMI-MC10H642 Datasheet
239Kb / 9P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 4
MC10H640 ONSEMI-MC10H640_16 Datasheet
155Kb / 8P
   PECL to TTL Clock Driver
August, 2016 ??Rev. 9
MC10H640 ONSEMI-MC10H640 Datasheet
133Kb / 8P
   PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H646 ONSEMI-MC10H646 Datasheet
122Kb / 6P
   PENTIUM MICROPROCESSOR PECL/TTL-TTL CLOCK DRIVER
1996 REV 1
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
logo
Integrated Device Techn...
ICS558-01 IDT-ICS558-01 Datasheet
122Kb / 6P
   PECL/CMOS TO CMOS CLOCK DRIVER
logo
Renesas Technology Corp
ICS558-01 RENESAS-ICS558-01 Datasheet
322Kb / 7P
   PECL/CMOS TO CMOS CLOCK DRIVER
051310
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com