Zakładka z wyszukiwarką danych komponentów |
|
MC10SX1130 Arkusz danych(PDF) 2 Page - ON Semiconductor |
|
MC10SX1130 Arkusz danych(HTML) 2 Page - ON Semiconductor |
2 / 9 page MC10SX1130 http://onsemi.com 2 15 16 14 13 12 11 10 2 1 34567 VEE 9 8 Stretch VEE IOUT RSET IOUT VCC VEE VEE VCC VBB DIN DIN RTCO1 RTCO2 VEE Figure 1. Pinout: SOIC−16 (Top View) PULSE WIDTH ADJUST CIRCUIT BIAS CONTROL RSET RTCO1 RTCO2 IOUT IOUT Stretch VBB DIN DIN ECL BUFFER Figure 2. Block Diagram Table 1. PIN FUNCTION TABLE Pin Function DIN Differential data inputs. IOUT Differential open collector outputs. STRETCH Control input to select the amount of duty cycle pre-distortion. When the pin is left open, no pre-distortion is introduced. If the pin is connected to VCC, the output LOW state current pulse width is increased by 155 ps. When it is connected to VEE, the current pulse width is increased by 310 ps. RSET Resistor to set LED drive current. This resistor sets the tail current of the output current switch and should be con- nected to the VEE plane. Since the RSET voltage compensation circuit is referenced to VEE, the RSET voltage will track 1:1 with VEE changes, thus the voltage across the RSET resistor will remain constant. RTCO1, RTCO2 Terminals for positive temperature tracking resistor. This resistor controls the temperature tracking rate of the voltage at the RSET pin, which in turn sets the LED drive current tracking. If the two pins are shorted together, the nominal tracking rate is 1.4mV/°C and when a 2 kW resistor is connected across the pins, the nominal tracking rate is 4.9 mV/°C. VCC Most positive power supply input. +5 V for PECL operation or ground for standard ECL operation. VEE Most negative power supply input. Ground for PECL operation or −5.2 V for standard ECL operation. VBB Reference voltage for use in single ended applications or when the input signal is AC coupled into the device. |
Podobny numer części - MC10SX1130_06 |
|
Podobny opis - MC10SX1130_06 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |