Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC26LS30DR2 Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części MC26LS30DR2
Szczegółowy opis  Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC26LS30DR2 Arkusz danych(HTML) 6 Page - ON Semiconductor

Back Button MC26LS30DR2 Datasheet HTML 2Page - ON Semiconductor MC26LS30DR2 Datasheet HTML 3Page - ON Semiconductor MC26LS30DR2 Datasheet HTML 4Page - ON Semiconductor MC26LS30DR2 Datasheet HTML 5Page - ON Semiconductor MC26LS30DR2 Datasheet HTML 6Page - ON Semiconductor MC26LS30DR2 Datasheet HTML 7Page - ON Semiconductor MC26LS30DR2 Datasheet HTML 8Page - ON Semiconductor MC26LS30DR2 Datasheet HTML 9Page - ON Semiconductor MC26LS30DR2 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MC26LS30
http://onsemi.com
6
Figure 4. Differential Mode Enable Timing
NOTES:
1. S.G. set to: f
p 1.0 MHz; duty cycle = 50%; tr, tf, p 10 ns.
2. Above tests conducted by monitoring output current levels.
Figure 5. Single−Ended Mode Rise/Fall Time and Data Propagation Delay
NOTES:
1. S.G. set to: f
p 100 kHz; duty cycle = 50%; tr, tf, p10 ns.
2. tSK4 =  tPDH−tPDL for each driver.
3. tSK5 computed by subtracting the shortest tPDH from the longest tPDH of the 4 drivers within a package.
4. tSK6 computed by subtracting the shortest tPDL from the longest tPDL of the 4 drivers within a package.
VEE
tPZH
tPZL
tPLZ
tPHZ
1.5 V
Output
Current
(Vin = Lo)
0.1 VSS/RL
0.1 VSS/RL
VSS/RL
VSS/RL
0.5 VSS/RL
0.5 VSS/RL
RL
0 or 3.0 V
En
VSS
500 pF
450
S.G.
VCC
450
CC
+3.0 V
1.5 V
0 V
Vin
VCC
Vin
+2.5 V
S.G.
500 pF
VO
(Vin = Hi)
Vin
1.5 V
Vout
10%
50%
90%
tr
1.5 V
90%
0 V
10%
Vin
50%
tf
tPDL
tPDH


Podobny numer części - MC26LS30DR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC26LS30DR2 ONSEMI-MC26LS30DR2 Datasheet
108Kb / 16P
   Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
July, 2000 ??Rev. 1
More results

Podobny opis - MC26LS30DR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC26LS30 ONSEMI-MC26LS30 Datasheet
108Kb / 16P
   Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
July, 2000 ??Rev. 1
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
logo
Motorola, Inc
MC26C31 MOTOROLA-MC26C31 Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
MC26C32 MOTOROLA-MC26C32 Datasheet
115Kb / 4P
   Quad EIA-422-A Line Receiver
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
logo
Motorola, Inc
MC34C87 MOTOROLA-MC34C87 Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
logo
Texas Instruments
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
logo
Motorola, Inc
MC34C86 MOTOROLA-MC34C86 Datasheet
116Kb / 4P
   Quad EIA-422-A Line Receiver CMOS
logo
Texas Instruments
DS96F173MQML TI1-DS96F173MQML Datasheet
467Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com