Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC74AC00N Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części MC74AC00N
Szczegółowy opis  Quad 2?묲nput NAND Gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC00N Arkusz danych(HTML) 4 Page - ON Semiconductor

  MC74AC00N Datasheet HTML 1Page - ON Semiconductor MC74AC00N Datasheet HTML 2Page - ON Semiconductor MC74AC00N Datasheet HTML 3Page - ON Semiconductor MC74AC00N Datasheet HTML 4Page - ON Semiconductor MC74AC00N Datasheet HTML 5Page - ON Semiconductor MC74AC00N Datasheet HTML 6Page - ON Semiconductor MC74AC00N Datasheet HTML 7Page - ON Semiconductor MC74AC00N Datasheet HTML 8Page - ON Semiconductor MC74AC00N Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MC74AC00, MC74ACT00
http://onsemi.com
4
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
MC74ACT00
Unit
Conditions
TA = +255C
TA = −405C to +855C TA = −555C to + 1255C
Typ
Guaranteed Limits
VIH
Minimum High Level
Input Voltage
4.5
5.5
1.5
1.5
2.0
2.0
2.0
2.0
2.0
2.0
V
VOUT = 0.1 V
or VCC − 0.1 V
VIL
Maximum Low Level
Input Voltage
4.5
5.5
1.5
1.5
0.8
0.8
0.8
0.8
0.8
0.8
V
VOUT = 0.1 V
or VCC − 0.1 V
VOH
Minimum High Level
Output Voltage
4.5
5.5
4.49
5.49
4.4
5.4
4.4
5.4
4.4
5.4
V
IOUT = −50 mA
4.5
5.5
3.86
4.86
3.76
4.76
3.7
4.7
V
*VIN = VIL or VIH
IOH
−24 mA
−24 mA
VOL
Maximum Low Level
Output Voltage
4.5
5.5
0.001
0.001
0.1
0.1
0.1
0.1
0.1
0.1
V
IOUT = 50 mA
4.5
5.5
0.36
0.36
0.44
0.44
0.5
0.5
V
*VIN = VIL or VIH
IOL
24 mA
24 mA
IIN
Maximum Input
Leakage Current
5.5
$0.1
$1.0
$1.0
mA
VI = VCC, GND
DICCT
Additional Max. ICC/Input 5.5
0.6
1.5
1.6
mA
VI = VCC − 2.1 V
IOLD
†Minimum Dynamic
Output Current
5.5
75
50
mA
VOLD = 1.65 V Max
IOHD
5.5
−75
−50
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
Supply Current
5.5
4.0
40
40
mA
VIN = VCC or GND
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.
AC CHARACTERISTICS (tr = tf = 3.0 nS; CL = 50 pF; see Figures 3 and 4 for Waveforms)
Symbol
Parameter
VCC*
(V)
MC74ACT00
Unit
TA = +255C
TA = −405C to +855C TA = −555C to +1255C
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
5.0
1.5
5.5
9.0
1.0
9.5
1.0
9.5
ns
tPHL
Propagation Delay
5.0
1.5
4.0
7.0
1.0
8.0
1.0
8.0
ns
*Voltage Range 5.0 V is 5.0 V $0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Test Conditions
Unit
CIN
Input Capacitance
4.5
VCC = 5.0 V
pF
CPD
Power Dissipation Capacitance
30
VCC = 5.0 V
pF


Podobny numer części - MC74AC00N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC74AC00N MOTOROLA-MC74AC00N Datasheet
126Kb / 5P
   QUAD 2-INPUT NAND GATE
More results

Podobny opis - MC74AC00N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74VHC00 ONSEMI-MC74VHC00 Datasheet
92Kb / 6P
   Quad 2?묲nput NAND Gate
January, 2006 ??Rev. 5
NL17SZ00 ONSEMI-NL17SZ00_06 Datasheet
68Kb / 6P
   Single 2?묲nput NAND Gate
November, 2006 ??Rev. 5
NL27WZ00 ONSEMI-NL27WZ00_06 Datasheet
88Kb / 6P
   Dual 2?묲nput NAND Gate
May, 2006 ??Rev. 6
MC74VHCT132A ONSEMI-MC74VHCT132A_06 Datasheet
101Kb / 6P
   Quad 2?묲nput NAND Schmitt Trigger
January, 2006 ??Rev. 4
MC14093B ONSEMI-MC14093B_06 Datasheet
160Kb / 9P
   Quad 2?묲nput NAND Schmitt Trigger
October, 2006 ??Rev. 7
MC74AC132 ONSEMI-MC74AC132 Datasheet
126Kb / 8P
   Quad 2?묲nput NAND Schmitt Trigger
October, 2006 ??Rev. 7
MC74VHC132 ONSEMI-MC74VHC132 Datasheet
100Kb / 6P
   Quad 2?묲nput NAND Schmitt Trigger
December, 2005 ??Rev. 3
MC74VHC02 ONSEMI-MC74VHC02 Datasheet
82Kb / 5P
   Quad 2?묲nput NOR Gate
November, 2005 ??Rev. 4
NLSF302MN ONSEMI-NLSF302MN Datasheet
64Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
MC74HC00A ONSEMI-MC74HC00A_06 Datasheet
140Kb / 9P
   Quad 2?묲nput NAND Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com