Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS80C51RA2-MCB Arkusz danych(PDF) 8 Page - International Rectifier

Numer części TS80C51RA2-MCB
Szczegółowy opis  High Performance 8-bit Microcontroller
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

TS80C51RA2-MCB Arkusz danych(HTML) 8 Page - International Rectifier

Back Button TS80C51RA2-MCB Datasheet HTML 4Page - International Rectifier TS80C51RA2-MCB Datasheet HTML 5Page - International Rectifier TS80C51RA2-MCB Datasheet HTML 6Page - International Rectifier TS80C51RA2-MCB Datasheet HTML 7Page - International Rectifier TS80C51RA2-MCB Datasheet HTML 8Page - International Rectifier TS80C51RA2-MCB Datasheet HTML 9Page - International Rectifier TS80C51RA2-MCB Datasheet HTML 10Page - International Rectifier TS80C51RA2-MCB Datasheet HTML 11Page - International Rectifier TS80C51RA2-MCB Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 85 page
background image
8
4188E–8051–08/06
AT/TS8xC51Rx2
Mnemonic
Pin Number
Type
Name And Function
DIL
LCC
VQFP 1.4
VSS
20
22
16
I
Ground: 0V reference
Vss1
1
39
I
Optional Ground: Contact the Sales Office for ground connection.
V
CC
40
44
38
I
Power Supply: This is the power supply voltage for normal, idle and power-down
operation
P0.0-P0.7
39-32
43-36
37-30
I/O
Port 0: Port 0 is an open-drain, bidirectional I/O port. Port 0 pins that have 1s written to
them float and can be used as high impedance inputs. Port 0 pins must be polarized to
Vcc or Vss in order to prevent any parasitic current consumption. Port 0 is also the
multiplexed low-order address and data bus during access to external program and
data memory. In this application, it uses strong internal pull-up when emitting 1s. Port 0
also inputs the code bytes during EPROM programming. External pull-ups are required
during program verification during which P0 outputs the code bytes.
P1.0-P1.7
1-8
2-9
40-44
1-3
I/O
Port 1: Port 1 is an 8-bit bidirectional I/O port with internal pull-ups. Port 1 pins that
have 1s written to them are pulled high by the internal pull-ups and can be used as
inputs. As inputs, Port 1 pins that are externally pulled low will source current because
of the internal pull-ups. Port 1 also receives the low-order address byte during memory
programming and verification.
Alternate functions for Port 1 include:
12
40
I/O
T2 (P1.0): Timer/Counter 2 external count input/Clockout
23
41
I
T2EX (P1.1): Timer/Counter 2 Reload/Capture/Direction Control
34
42
I
ECI (P1.2): External Clock for the PCA
45
43
I/O
CEX0 (P1.3): Capture/Compare External I/O for PCA module 0
56
44
I/O
CEX1 (P1.4): Capture/Compare External I/O for PCA module 1
67
45
I/O
CEX0 (P1.5): Capture/Compare External I/O for PCA module 2
78
46
I/O
CEX0 (P1.6): Capture/Compare External I/O for PCA module 3
89
47
I/O
CEX0 (P1.7): Capture/Compare External I/O for PCA module 4
P2.0-P2.7
21-28
24-31
18-25
I/O
Port 2: Port 2 is an 8-bit bidirectional I/O port with internal pull-ups. Port 2 pins that
have 1s written to them are pulled high by the internal pull-ups and can be used as
inputs. As inputs, Port 2 pins that are externally pulled low will source current because
of the internal pull-ups. Port 2 emits the high-order address byte during fetches from
external program memory and during accesses to external data memory that use 16-
bit addresses (MOVX @DPTR).In this application, it uses strong internal pull-ups
emitting 1s. During accesses to external data memory that use 8-bit addresses (MOVX
@Ri), port 2 emits the contents of the P2 SFR. Some Port 2 pins (P2.0 to P2.5) receive
the high order address bits during EPROM programming and verification:
P3.0-P3.7
10-17
11,
13-19
5,
7-13
I/O
Port 3: Port 3 is an 8-bit bidirectional I/O port with internal pull-ups. Port 3 pins that
have 1s written to them are pulled high by the internal pull-ups and can be used as
inputs. As inputs, Port 3 pins that are externally pulled low will source current because
of the internal pull-ups. Some Port 3 pins (P3.4 to P3.5) receive the high order address
bits during EPROM programming and verification.
Port 3 also serves the special features of the 80C51 family, as listed below.
10
11
5
I
RXD (P3.0): Serial input port
11
13
7
O
TXD (P3.1): Serial output port


Podobny numer części - TS80C51RA2-MCB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
TS80C51RA2-MCB ATMEL-TS80C51RA2-MCB Datasheet
1Mb / 83P
   High Performance 8-bit Microcontroller
TS80C51RA2-MCB ATMEL-TS80C51RA2-MCB Datasheet
995Kb / 86P
   High Performance 8-bit Microcontroller
TS80C51RA2-MCBB ATMEL-TS80C51RA2-MCBB Datasheet
903Kb / 74P
   High Performance 8-bit Microcontrollers
TS80C51RA2-MCBD ATMEL-TS80C51RA2-MCBD Datasheet
903Kb / 74P
   High Performance 8-bit Microcontrollers
TS80C51RA2-MCBR ATMEL-TS80C51RA2-MCBR Datasheet
903Kb / 74P
   High Performance 8-bit Microcontrollers
More results

Podobny opis - TS80C51RA2-MCB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2_02 Datasheet
1Mb / 83P
   High Performance 8-bit Microcontroller
logo
OKI electronic componet...
MSM65512A OKI-MSM65512A Datasheet
189Kb / 23P
   High Performance 8-Bit Microcontroller
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2_08 Datasheet
995Kb / 86P
   High Performance 8-bit Microcontroller
logo
OKI electronic componet...
MSM65514 OKI-MSM65514 Datasheet
196Kb / 23P
   High Performance 8-Bit Microcontroller
MSM65516 OKI-MSM65516 Datasheet
201Kb / 23P
   High performance 8-Bit Microcontroller
logo
Digital Core Design
DFPIC165X DCD-DFPIC165X Datasheet
180Kb / 6P
   High Performance 8-bit RISC Microcontroller
DP8051 DCD-DP8051 Datasheet
247Kb / 10P
   Pipelined High Performance 8-bit Microcontroller
DP80390XP DCD-DP80390XP Datasheet
297Kb / 13P
   Pipelined High Performance 8-bit Microcontroller
DP80C51 DCD-DP80C51 Datasheet
243Kb / 10P
   Pipelined High Performance 8-bit Microcontroller
DP8051XP DCD-DP8051XP Datasheet
295Kb / 12P
   Pipelined High Performance 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com