Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MV1403 Arkusz danych(PDF) 11 Page - Zarlink Semiconductor Inc

Numer części MV1403
Szczegółowy opis  PCM MACROCELL DEMONSTRATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ZARLINK [Zarlink Semiconductor Inc]
Strona internetowa  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MV1403 Arkusz danych(HTML) 11 Page - Zarlink Semiconductor Inc

Back Button MV1403 Datasheet HTML 7Page - Zarlink Semiconductor Inc MV1403 Datasheet HTML 8Page - Zarlink Semiconductor Inc MV1403 Datasheet HTML 9Page - Zarlink Semiconductor Inc MV1403 Datasheet HTML 10Page - Zarlink Semiconductor Inc MV1403 Datasheet HTML 11Page - Zarlink Semiconductor Inc MV1403 Datasheet HTML 12Page - Zarlink Semiconductor Inc MV1403 Datasheet HTML 13Page - Zarlink Semiconductor Inc MV1403 Datasheet HTML 14Page - Zarlink Semiconductor Inc MV1403 Datasheet HTML 15Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
MV1403
10
PIN DESCRIPTIONS
Symbol
Pin No.
Mode
Pin name and description
name
DP48
HP44
(see note 1)
VDD1
GLOBAL
Digital supply voltage. 5V (Note 2)
ER
2
2
RX
Timeslot Zero Receiver (RXTSZ) Macrocell - Sync Word Error Output (ER).
This flag goes high for one frame immediately after detection of a bad timeslot
zero sync word, whilst the macrocell is in sync. Three consecutive errors of
this type will put the receiver out of sync. The last ER pulse of this sequence
will be longer than 256 periods if a valid sync word is detected during the pulse.
MFQ1
3
3
RX
Timeslot Zero Receiver (RXTSZ) Macrocell - Synchronisation Alarm Output
(SA). This error flag goes high when the macrocell is out of sync and only
changes state at the end of a sync frame timeslot zero.
TX
Timeslot Zero Transmitter (TXTSZ) Macrocell - Timeslot Zero Sync frame
marker (TZS). This output is high during timeslot zero of sync frames and
changes state at the beginning of timeslot one, bit 2 of every frame.
MFQ2
4
4
RX
Timeslot Zero Receiver (RXTSZ) Macrocell - Remote Alarm Indication Output
(RAI) This is a persistence checked version of the Q3N output. When
RXTSZ is in sync, this output goes high if the current and previous timeslot
zero bit 3 of non-sync frames are both high. This output changes state at bit 1,
timeslot 1 of non-sync frames. When the macrocell is out of sync this output is
forced low in the non-sync frame following the last bad sync frame, and is
held low until the macrocell comes back into sync.
TX
Timeslot Zero Transmitter (TXTSZ) Macrocell - Data Output (Q). The sync
word and signalling data word appear here in 8 bit bursts during timeslot zero.
Bit 1 appears immediately after the rising edges of CLK and FRS. This output
is low during all timeslots except timeslot zero.
DQ8
5
5
RX
Timeslot Zero Receiver (RXTSZ) Macrocell - Data Outputs (Q8N-Q3N). These
DQ7
6
6
outputs are extracted from bits 8-3 of timeslot zero during non-sync frames
DQ6
7
7
respectively. These outputs change at the start of bit 1, timeslot 1 of non-sync
DQ5
8
8
frames .
DQ4
9
9
DQ3
10
10
TX
Timeslot Zero Transmitter (TXTSZ) Macrocell Data Inputs (D8N-D3N). These
data inputs are inserted into bits 8-3 of timeslot zero during non-sync frames
respectively. This data must be set up prior to the rising edge of FRS.
DQ1
11
11
RX
Timeslot Zero Receiver (RXTSZ) Macrocell - Data Output (Q1 N). With
CRC = 0, this output latches data from bit I, timeslot zero of non-sync frames.
The output changes at the beginning of bit l, timeslot 1 of non-sync frames.
With CRC=1, this output latches data from bit 1 of frame 15 of the CRC
multiframe.
TX1
Timeslot Zero Transmitter (TXTSZ) Macrocell - Data Input (D1). The data on
this pin is inserted into the International spare bit (bit 1, timeslot zero of both
sync and non-sync frames), and must be set up prior to the rising edge of
.
FRS.
TX2
This pin is unused since the Dl input of the Timeslot Zero Transmitter is
connected internally to the Q output of the CRC Generator.
Q1S
12
12
RX
Timeslot Zero Receiver (RXTSZ) Macrocell - Data Output (Q1S). With
CRC = 0, this output latches data from bit 1, timeslot zero of sync frames. The
output changes at the beginning of bit 1, timeslot 1 of sync frames. With
CRC = 1, this output latches data from bit 1 of frame 13 of the CRC multiframe.
V
DD2
13
-
GLOBAL
Digital supply voltage. 5V (Note 2)
GND1
14
13
GLOBAL
Digital ground. 0V (Note 2)
LIA
15
14
RX
HDB3 Decoder (HDB3DC) Macrocell - Loss of Input Alarm Output (LIA). This
alarm output goes high after 11 consecutive zeros have been detected on the
HDB3 inputs. It is reset on detection of a mark (1) on either HDB3 input.


Podobny numer części - MV1403

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Semiconductor
MV1403 ASI-MV1403 Datasheet
11Kb / 1P
   TUNING VARACTOR
MV1403 ASI-MV1403 Datasheet
35Kb / 1P
   TUNING VARACTOR
MV1403 ASI-MV1403_07 Datasheet
35Kb / 1P
   TUNING VARACTOR
More results

Podobny opis - MV1403

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
PEM119020 ETC1-PEM119020 Datasheet
487Kb / 8P
   Engineering Demonstrator
logo
CML Microcircuits
DE9944 CMLMICRO-DE9944 Datasheet
446Kb / 3P
   SDR Demonstrator
DE9943 CMLMICRO-DE9943 Datasheet
1Mb / 2P
   SDR Demonstrator
logo
NXP Semiconductors
PZ3032 PHILIPS-PZ3032 Datasheet
116Kb / 14P
   32 macrocell CPLD
1997 Feb 20
PZ3064 PHILIPS-PZ3064 Datasheet
245Kb / 20P
   64 macrocell CPLD
1997 Mar 05
logo
Agere Systems
DNC5X3125 AGERE-DNC5X3125 Datasheet
260Kb / 18P
   Gigabit Ethernet Transceiver Macrocell
logo
Intel Corporation
5C090 INTEL-5C090 Datasheet
979Kb / 17P
   24 MACROCELL CMOS PLD
logo
Xilinx, Inc
XCR3128 XILINX-XCR3128 Datasheet
143Kb / 18P
   XCR3128: 128 Macrocell CPLD
logo
Cypress Semiconductor
CY7C344B CYPRESS-CY7C344B Datasheet
241Kb / 16P
   32-Macrocell MAX EPLD
CY7C344 CYPRESS-CY7C344_95 Datasheet
296Kb / 17P
   32-Macrocell MAX짰 EPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com