Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MV209 Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części MV209
Szczegółowy opis  Silicon Epicap Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MV209 Arkusz danych(HTML) 2 Page - ON Semiconductor

  MV209 Datasheet HTML 1Page - ON Semiconductor MV209 Datasheet HTML 2Page - ON Semiconductor MV209 Datasheet HTML 3Page - ON Semiconductor MV209 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBV109LT1, MV209
http://onsemi.com
2
Ct, Diode Capacitance
VR = 3.0 Vdc, f = 1.0 MHz
pF
Q, Figure of Merit
VR = 3.0 Vdc
f = 50 MHz
CR, Capacitance Ratio
C3/C25
f = 1.0 MHz (Note 1)
Device
Package
Shipping
Min
Nom
Max
Min
Min
Max
MMBV109LT1
SOT−23
3,000 / Tape & Reel
26
29
32
200
5.0
6.5
MMBV109LT1G
SOT−23
(Pb−Free)
3,000 / Tape & Reel
MMBV109LT3
SOT−23
10,000 / Tape & Reel
MMBV109LT3G
SOT−23
(Pb−Free)
10,000 / Tape & Reel
MV209
TO−92
1,000 Units / Bag
MV209G
TO−92
(Pb−Free)
1,000 Units / Bag
1. CR is the ratio of Ct measured at 3 Vdc divided by Ct measured at 25 Vdc.
Figure 1. DIODE CAPACITANCE
40
32
24
16
8
0
1
3
10
30
100
VR, REVERSE VOLTAGE (VOLTS)
Figure 2. FIGURE OF MERIT
f, FREQUENCY (MHz)
Figure 3. LEAKAGE CURRENT
TA, AMBIENT TEMPERATURE
Figure 4. DIODE CAPACITANCE
TA, AMBIENT TEMPERATURE
10
1000
100
10
100
1000
100
−60
0.01
0.001
0
+40
+100
1.04
−75
1.02
1.00
0.98
0.96
−25
+25
+75
+125
VR = 3.0 Vdc
f = 1.0 MHz
Ct [ Cc + Cj
36
28
20
12
4
f = 1.0 MHz
TA = 25°C
VR = 3 Vdc
TA = 25°C
VR = 20 Vdc
+120 +140
+80
+60
+20
−40
−20
0.1
1.0
10
20
2.0
0.2
0.02
0.002
0.006
0.06
0.6
6.0
60
−50
0
+50
+100
1.03
1.01
0.99
0.97
NOTES ON TESTING AND SPECIFICATIONS


Podobny numer części - MV209

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
MV209 LRC-MV209 Datasheet
146Kb / 2P
   Silicon Epicap Diode
logo
ON Semiconductor
MV209 ONSEMI-MV209 Datasheet
69Kb / 8P
   Silicon Epicap Diodes
March, 2001 ??Rev. 1
More results

Podobny opis - MV209

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MMVL109T1 ONSEMI-MMVL109T1 Datasheet
45Kb / 3P
   Silicon Epicap Diodes
February, 2006 ??Rev. 1
MBV109T1 ONSEMI-MBV109T1 Datasheet
69Kb / 8P
   Silicon Epicap Diodes
March, 2001 ??Rev. 1
logo
Leshan Radio Company
MMVL109T1 LRC-MMVL109T1 Datasheet
40Kb / 2P
   Silicon Epicap Diode
MMBV109LT1 LRC-MMBV109LT1 Datasheet
146Kb / 2P
   Silicon Epicap Diode
logo
Littelfuse
PP6KE6.8 LITTELFUSE-PP6KE6.8 Datasheet
406Kb / 5P
   Silicon Avalanche Diodes - Silicon Avalanche Diodes
logo
EIC discrete Semiconduc...
2EZ EIC-2EZ Datasheet
27Kb / 2P
   SILICON ZENER DIODES
logo
Microsemi Corporation
JAN1N645-1 MICROSEMI-JAN1N645-1 Datasheet
177Kb / 3P
   Silicon Rectifier Diodes
logo
Semikron International
BZV58C10 SEMIKRON-BZV58C10 Datasheet
45Kb / 1P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
DL201 EIC-DL201 Datasheet
44Kb / 2P
   SILICON RECTIFIER DIODES
DR200 EIC-DR200 Datasheet
44Kb / 2P
   SILICON RECTIFIER DIODES
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com