Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1610 Arkusz danych(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numer części ADS1610
Szczegółowy opis  16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1610 Arkusz danych(HTML) 3 Page - Burr-Brown (TI)

  ADS1610 Datasheet HTML 1Page - Burr-Brown (TI) ADS1610 Datasheet HTML 2Page - Burr-Brown (TI) ADS1610 Datasheet HTML 3Page - Burr-Brown (TI) ADS1610 Datasheet HTML 4Page - Burr-Brown (TI) ADS1610 Datasheet HTML 5Page - Burr-Brown (TI) ADS1610 Datasheet HTML 6Page - Burr-Brown (TI) ADS1610 Datasheet HTML 7Page - Burr-Brown (TI) ADS1610 Datasheet HTML 8Page - Burr-Brown (TI) ADS1610 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
www.ti.com
ADS1610
SBAS344C – AUGUST 2005 – REVISED OCTOBER 2006
ELECTRICAL CHARACTERISTICS (continued)
All specifications at –40
°C to 85°C, AVDD = 5V, DVDD = 3V, f
CLK = 60MHz, VREF = 3V, MODE = 00, VCM = 2.5V, and RBIAS
= 19k
Ω (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fIN = 100kHz, –2dBFS
81
84
fIN = 100kHz, –6dBFS
77
80
fIN = 100kHz, –20dBFS
66
fIN = 1MHz, –2dBFS
83
SNR
Signal-to-noise ratio
fIN = 1MHz, –6dBFS
80
dB
fIN = 1MHz, –20dBFS
66
fIN = 4MHz, –2dBFS
79.5
83
fIN = 4MHz, –6dBFS
76
79
fIN = 4MHz, –20dBFS
65
fIN = 100kHz, –2dBFS
–90
–83
fIN = 100kHz, –6dBFS
–95
–85
fIN = 100kHz, –20dBFS
–95
fIN = 1MHz, –2dBFS
–91
THD
Total harmonic distortion
fIN = 1MHz, –6dBFS
–93
dB
fIN = 1MHz, –20dBFS
–95
fIN = 4MHz, –2dBFS
–109
–100
fIN = 4MHz, –6dBFS
–105
–100
fIN = 4MHz, –20dBFS
–95
fIN = 100kHz, –2dBFS
83
fIN = 100kHz, –6dBFS
79
fIN = 100kHz, –20dBFS
65
fIN = 1MHz, –2dBFS
82
SINAD
Signal-to-noise and distortion
fIN = 1MHz, –6dBFS
79
dB
fIN = 1MHz, –20dBFS
65
fIN = 4MHz, –2dBFS
83
fIN = 4MHz, –6dBFS
79
fIN = 4MHz, –20dBFS
65
fIN = 100kHz, –2dBFS
85
90
fIN = 100kHz, –6dBFS
90
96
fIN = 100kHz, –20dBFS
96
fIN = 1MHz, –2dBFS
94
SFDR
Spurious-free dynamic range
fIN = 1MHz, –6dBFS
94
dB
fIN = 1MHz, –20 dBFS
96
fIN = 4MHz, –2dBFS
100
109
fIN = 4MHz, –6dBFS
100
105
fIN = 4MHz, –20dBFS
95
Excludes jitter of CLK
Aperture jitter
2
ps, rms
source
Aperture delay
4
ns
3
Submit Documentation Feedback


Podobny numer części - ADS1610

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610 Datasheet
937Kb / 28P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1610IPAPR TI1-ADS1610IPAPR Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610IPAPRG4 TI1-ADS1610IPAPRG4 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610IPAPT TI1-ADS1610IPAPT Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610IPAPTG4 TI1-ADS1610IPAPTG4 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS1610

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610 Datasheet
937Kb / 28P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1610 TI1-ADS1610_14 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9726BSVZ AD-AD9726BSVZ Datasheet
411Kb / 24P
   16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
AD9726 AD-AD9726_15 Datasheet
411Kb / 24P
   16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
logo
Texas Instruments
DAC900-Q1 TI1-DAC900-Q1 Datasheet
695Kb / 26P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC900-Q1 TI-DAC900-Q1_15 Datasheet
720Kb / 29P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9467 AD-AD9467 Datasheet
987Kb / 32P
   16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
AD9139 AD-AD9139 Datasheet
1Mb / 56P
   16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
logo
Texas Instruments
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
[Old version datasheet]   DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI1-DAC5652A_18 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com