Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA2050 Arkusz danych(PDF) 6 Page - Unisonic Technologies

Numer części TDA2050
Szczegółowy opis  32W HI-FI AUDIO POWER AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2050 Arkusz danych(HTML) 6 Page - Unisonic Technologies

  TDA2050 Datasheet HTML 1Page - Unisonic Technologies TDA2050 Datasheet HTML 2Page - Unisonic Technologies TDA2050 Datasheet HTML 3Page - Unisonic Technologies TDA2050 Datasheet HTML 4Page - Unisonic Technologies TDA2050 Datasheet HTML 5Page - Unisonic Technologies TDA2050 Datasheet HTML 6Page - Unisonic Technologies TDA2050 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TDA2050
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6
www.unisonic.com.tw
QW-R107-036,A
TYPICAL CHARACTERISTICS (Split Supply Test Circuit, unless otherwise specified)
+
10
20
VS (V)
25
5
0
15
20
25
30
15
RL = 8Ω
f = 1kHz
THD = 10%
10
5
0
Output Power vs. Supply Voltage
THD = 0.5%
10
20
VS (V)
25
5
0
15
20
25
30
15
RL = 4Ω
f = 1kHz
THD= 10%
10
5
0
Output Power vs. Supply Voltage
THD= 0.5%
10
20
VS (V)
25
5
0
35
40
45
50
15
RL = 4Ω
30
25
20
Quiescent Current vs. Supply Voltage
10
20
PO (W)
25
5
0
15
20
25
30
15
10
5
0
Total Power Dissipation and Efficiency
vs. Output Power
55
PD
VS = 18V
RL = 4Ω
f = 1kHz
m
35
30 35
30
40
50
60
20
10
0
70
80
10
20
PO (W)
25
5
0
12
16
20
24
15
8
4
0
Total Power Dissipation and Efficiency
vs. Output Power
PD
VS = 22V
RL = 8Ω
f = 1kHz
m
28
30 35
30
40
50
60
20
10
0
70
80
35
40
40
30
40
30
60
30
35
40


Podobny numer części - TDA2050

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TDA2050 STMICROELECTRONICS-TDA2050 Datasheet
185Kb / 13P
   32W Hi-Fi AUDIO POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2050 TGS-TDA2050 Datasheet
196Kb / 6P
   32W Hi-Fi AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
TDA2050 UTC-TDA2050 Datasheet
196Kb / 7P
   32W HI-FI AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TDA2050 STMICROELECTRONICS-TDA2050 Datasheet
2Mb / 18P
   32 W hi-fi audio power amplifier
logo
Unisonic Technologies
TDA2050G-TA5-T UTC-TDA2050G-TA5-T Datasheet
196Kb / 7P
   32W HI-FI AUDIO POWER AMPLIFIER
More results

Podobny opis - TDA2050

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TDA2050 STMICROELECTRONICS-TDA2050 Datasheet
185Kb / 13P
   32W Hi-Fi AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
TDA2050 UTC-TDA2050_15 Datasheet
245Kb / 7P
   32W HI-FI AUDIO POWER AMPLIFIER
TDA2050 UTC-TDA2050_16 Datasheet
196Kb / 7P
   32W HI-FI AUDIO POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2050 TGS-TDA2050 Datasheet
196Kb / 6P
   32W Hi-Fi AUDIO POWER AMPLIFIER
logo
Wuxi Youda electronics ...
YD1008 YOUDA-YD1008 Datasheet
110Kb / 4P
   22W HI-FI AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TDA2040 STMICROELECTRONICS-TDA2040 Datasheet
391Kb / 13P
   20W Hi-Fi AUDIO POWER AMPLIFIER
TDA2051 STMICROELECTRONICS-TDA2051 Datasheet
27Kb / 1P
   40W Hi-Fi AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_15 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com