Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC74AC541DWR2G Arkusz danych(PDF) 9 Page - ON Semiconductor

Numer części MC74AC541DWR2G
Szczegółowy opis  Octal Buffer/Line Driver with 3?뭆tate Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC541DWR2G Arkusz danych(HTML) 9 Page - ON Semiconductor

Back Button MC74AC541DWR2G Datasheet HTML 4Page - ON Semiconductor MC74AC541DWR2G Datasheet HTML 5Page - ON Semiconductor MC74AC541DWR2G Datasheet HTML 6Page - ON Semiconductor MC74AC541DWR2G Datasheet HTML 7Page - ON Semiconductor MC74AC541DWR2G Datasheet HTML 8Page - ON Semiconductor MC74AC541DWR2G Datasheet HTML 9Page - ON Semiconductor MC74AC541DWR2G Datasheet HTML 10Page - ON Semiconductor MC74AC541DWR2G Datasheet HTML 11Page - ON Semiconductor MC74AC541DWR2G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MC74AC540, MC74ACT540, MC74AC541, MC74ACT541
http://onsemi.com
9
MARKING DIAGRAMS
PDIP−20
SOIC−20W
TSSOP−20
SOEIAJ−20
20
1
1
20
AC
54x
ALYW
G
G
74ACT54x
AWLYWWG
1
20
MC74AC54xN
AWLYYWWG
x
= 0 or 1
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
G or
G
= Pb−Free Package
(Note: Microdot may be in either location)
20
1
74AC54x
AWLYWWG
1
20
ACT
54x
ALYW
G
G
20
1
ACT54x
AWLYYWWG
1
20
MC74ACT54xN
AWLYYWWG
20
1
AC54x
AWLYYWWG


Podobny numer części - MC74AC541DWR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74AC541DWR2G ONSEMI-MC74AC541DWR2G Datasheet
103Kb / 10P
   Octal Buffer/Line Driver with 3-State Outputs
March, 2015 ??Rev. 9
More results

Podobny opis - MC74AC541DWR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74ACT241 ONSEMI-MC74ACT241 Datasheet
94Kb / 8P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 5
MC74AC244 ONSEMI-MC74AC244_06 Datasheet
117Kb / 9P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
September, 2006 ??Rev. 7
SN74LS541 ONSEMI-SN74LS541 Datasheet
202Kb / 6P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
July, 2006 ??Rev. 4
MC74AC240 ONSEMI-MC74AC240_06 Datasheet
108Kb / 10P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
November, 2006 ??Rev. 8
MC74VHCT240A ONSEMI-MC74VHCT240A_11 Datasheet
146Kb / 7P
   Octal Bus Buffer/Line Driver Inverting with 3?뭆tate Outputs
May, 2011 ??Rev. 6
74HC244 ONSEMI-74HC244 Datasheet
126Kb / 7P
   Octal 3?뭆tate Noninverting Buffer/Line Driver/Line Receiver
March, 2007 ??Rev. 0
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com