Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TEA2025D Arkusz danych(PDF) 8 Page - Unisonic Technologies

Numer części TEA2025D
Szczegółowy opis  STEREO AUDIO AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TEA2025D Arkusz danych(HTML) 8 Page - Unisonic Technologies

  TEA2025D Datasheet HTML 1Page - Unisonic Technologies TEA2025D Datasheet HTML 2Page - Unisonic Technologies TEA2025D Datasheet HTML 3Page - Unisonic Technologies TEA2025D Datasheet HTML 4Page - Unisonic Technologies TEA2025D Datasheet HTML 5Page - Unisonic Technologies TEA2025D Datasheet HTML 6Page - Unisonic Technologies TEA2025D Datasheet HTML 7Page - Unisonic Technologies TEA2025D Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TEA2025D
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 8
www.unisonic.com.tw
QW-R107-017,B
TYPICAL CHARACTERISTICS
Supply Current vs.Supply Voltage
(RL=4Ω)
Vss(V)
36
9
10
20
30
12
40
STEREO
50
15
I(mA)
Output Voltage vs. Supply Voltage
0
1
2
3
4
5
6
7
8
36
9
12
15
STEREO
VOUT(V)
Vss(V)
Output Power vs. Supply Voltage
(THD=10%,f=1KHz)
Vss(V)
36
9
0
0.5
1
12
1.5
STEREO
2
15
PoUT(W)
2.5
3
3.5
RI=4Ω
RI=8Ω
RI=16Ω
THD vs. Output Power
(f=1KHz,Vss=6V)
00.2
0.4
0.1
1
0.8
0.6
1
PoUT(W)
10
STEREO
RI=4Ω
RI=8Ω
RI=16Ω
THD(%)
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Podobny numer części - TEA2025D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TEA2025D STMICROELECTRONICS-TEA2025D Datasheet
82Kb / 9P
   STEREO AUDIO AMPLIFIER
June 1994
logo
Unisonic Technologies
TEA2025DG-S20-R UTC-TEA2025DG-S20-R Datasheet
259Kb / 7P
   STEREO AUDIO AMPLIFIER
TEA2025D UTC-TEA2025D_15 Datasheet
259Kb / 7P
   STEREO AUDIO AMPLIFIER
More results

Podobny opis - TEA2025D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Avic Technology
AV2025 AVICTEK-AV2025 Datasheet
160Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025A UTC-TEA2025A_15 Datasheet
285Kb / 7P
   STEREO AUDIO AMPLIFIER
UTCTEA2025 UTC-UTCTEA2025 Datasheet
46Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
UTC2025 ETC1-UTC2025 Datasheet
115Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
STMicroelectronics
TEA2025B STMICROELECTRONICS-TEA2025B Datasheet
82Kb / 9P
   STEREO AUDIO AMPLIFIER
June 1994
logo
Tiger Electronic Co.,Lt...
TEA2025B TGS-TEA2025B Datasheet
551Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025 UTC-TEA2025_10 Datasheet
204Kb / 7P
   STEREO AUDIO AMPLIFIER
TEA2025A UTC-TEA2025A Datasheet
272Kb / 7P
   STEREO AUDIO AMPLIFIER
TEA2025AH UTC-TEA2025AH Datasheet
223Kb / 7P
   STEREO AUDIO AMPLIFIER
logo
Bookly Micro electronic
TEA2025 BOOKLY-TEA2025 Datasheet
76Kb / 4P
   STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com