Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC3550 Arkusz danych(PDF) 8 Page - Unisonic Technologies

Numer części UC3550
Szczegółowy opis  PWM CONTROLLED竊똏WM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3550 Arkusz danych(HTML) 8 Page - Unisonic Technologies

Back Button UC3550 Datasheet HTML 2Page - Unisonic Technologies UC3550 Datasheet HTML 3Page - Unisonic Technologies UC3550 Datasheet HTML 4Page - Unisonic Technologies UC3550 Datasheet HTML 5Page - Unisonic Technologies UC3550 Datasheet HTML 6Page - Unisonic Technologies UC3550 Datasheet HTML 7Page - Unisonic Technologies UC3550 Datasheet HTML 8Page - Unisonic Technologies UC3550 Datasheet HTML 9Page - Unisonic Technologies UC3550 Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
UC3550
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 10
www.unisonic.com.tw
QW-R502-082,A
TYPICAL CHARACTERISTICS
1
0.1
2
34
5
1
10
0.01
1
1
23
4
5
10
100
0.01
0.1
No Load Input
Current vs. Input Voltage (Using MOSFET)
VOUT=5.0V
VOUT=3.0V
Input Voltage, VIN (V)
VOUT=5.0V,
Rb=560Ω
VOUT=3.0V,
Rb=560Ω
Input Voltage, VIN (V)
No Load Input
Current vs. Input Voltage (Using BJT)
6
1
0.2
0.4
0.6
2
0.0
34
56
0.8
1.0
0
4.8
4.9
5.0
200
4.7
400
600
800 1000
5.1
5.2
VOUT (V)
Off-State Current vs. VOUT
VCE = 0 V
Open-Loop Test
VIN=2.0V
VIN=0.9V
VIN=3.0V
Ta=25℃
Output Current, IOUT (mA)
Output Voltage vs. Output Current
0
200
3.0
400
600
800
1000
-50
60
70
80
-25
0
025
50
100
90
100
75
50
Output Voltage vs. Output Current
VIN=0.9V
VIN=1.2V
VIN=2.0V
3.1
3.2
3.3
3.4
3.5
Output Current, IO (mA)
Maximum Duty Cycle vs. Temperature
Temperature (℃)
Open- Loop Test


Podobny numer części - UC3550

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
UC3550 UTC-UC3550 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550 Datasheet
391Kb / 9P
   PWM CONTROLLED竊?PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER DESCRIPTION
UC3550G-XX-AF5-R UTC-UC3550G-XX-AF5-R Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550G-XX-AF5-R UTC-UC3550G-XX-AF5-R Datasheet
391Kb / 9P
   PWM CONTROLLED竊?PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER DESCRIPTION
UC3550G-XX-AF5-R UTC-UC3550G-XX-AF5-R Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
More results

Podobny opis - UC3550

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
UC3550 UTC-UC3550_11 Datasheet
391Kb / 9P
   PWM CONTROLLED竊?PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER DESCRIPTION
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
464Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
TC110 MICROCHIP-TC110 Datasheet
465Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com