Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N3772 Arkusz danych(PDF) 1 Page - Unisonic Technologies

Numer części 2N3772
Szczegółowy opis  SILICON NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N3772 Arkusz danych(HTML) 1 Page - Unisonic Technologies

  2N3772 Datasheet HTML 1Page - Unisonic Technologies 2N3772 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UTC2N3772
SILICON NPN TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R205-002,A
SILICON NPN TRANSISTORS
The UTC 2N3772 is a power-base power transistor in
TO-3 metal case. It is designed for linear amplifiers, series
pass regulators, and inductive switching applications.
TO-3
ABSOLUTE MAXIMUM RATINGS ( Ta=25°C ,unless otherwise specified )
PARAMETERS
SYMBOL
VALUE
UNITS
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
7
V
Collector-Emitter Voltage
VCEV
80
V
Collector Current
Ic
30
A
Collector Peak Current(1)
ICM
30
A
Base Current
IB
5
A
Base Peak Current(1)
IBM
15
A
Total Dissipation at Ta=25
°C
Ptot
150
W
Storage Temperature
TSTG
-65 ~ +200
°C
Max. Operating Junction Temperature
Tj
200
°C
ELECTRICAL CHARACTERISTICS(Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFF CHARACTERISTICS
Collector-Emitter Sustaining
Voltage
VCEX(sus)
Ic=0.2 A, VBE(OFF)=1.5V,
RBE=100 Ohms
80
V
Collector-Emitter Sustaining Voltage
VCER(sus)
Ic=0.2 A, RBE=100 Ohms
70
V
Collector-Emitter Sustaining Voltage
VCEO(sus)
Ic=0.2 A, IB=0
40
V
Collector Cut-off Current
ICEO
VCE=50V,IB=0
10
mA
Collector Cut-off Current
ICEX
VCE=100V,VBE(off)=1.5V.
VCE=30V,VBE(off)=1.5V,
Ta=150
°C
5
10
mA
Collector Cut-off Current
ICBO
VCE=50V,IE=0
5
mA
Emitter Cut-off Current
IEBO
VBE=7V,IC=0
5
mA
ON CHARACTERISTICS
DC Current Gain(note)
hFE
Ic=10A,VCE=4V,
Ic=20A,VCE=4V
15
5
60


Podobny numer części - 2N3772

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
2N3772 MOSPEC-2N3772 Datasheet
132Kb / 3P
   POWER TRANSISTORS(150W)
logo
Dc Components
2N3772 DCCOM-2N3772 Datasheet
233Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
ON Semiconductor
2N3772 ONSEMI-2N3772 Datasheet
204Kb / 6P
   POWER TRANSISTORS (NPN SILICON)
1995 REV 7
logo
Inchange Semiconductor ...
2N3772 ISC-2N3772 Datasheet
48Kb / 2P
   isc Silicon NPN Power Transistor
logo
STMicroelectronics
2N3772 STMICROELECTRONICS-2N3772 Datasheet
64Kb / 4P
   HIGH POWER NPN SILICON TRANSISTOR
June 1997
More results

Podobny opis - 2N3772

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com