Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC3845-D08-T Arkusz danych(PDF) 5 Page - Unisonic Technologies

Numer części UC3845-D08-T
Szczegółowy opis  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3845-D08-T Arkusz danych(HTML) 5 Page - Unisonic Technologies

  UC3845-D08-T Datasheet HTML 1Page - Unisonic Technologies UC3845-D08-T Datasheet HTML 2Page - Unisonic Technologies UC3845-D08-T Datasheet HTML 3Page - Unisonic Technologies UC3845-D08-T Datasheet HTML 4Page - Unisonic Technologies UC3845-D08-T Datasheet HTML 5Page - Unisonic Technologies UC3845-D08-T Datasheet HTML 6Page - Unisonic Technologies UC3845-D08-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
UC3844/45
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R103-010,C
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT SENSE SECTION
Current Sense Input Voltage Gain
(Note 2 & 3)
GV
2.85
3.0
3.15
V/V
Maximum Current Sense Input
Threshold (Note 2)
VI(THR)
0.9
1.0
1.1
V
Input Bias Current
II(BIAS)
-2.0
-10
μA
Power Supply Rejection Ratio
PSRR
VCC=12V ~ 25V (Note4)
70
dB
Propagation Delay
tPLH(IN/OUT)
150
300
ns
OUTPUT SECTION
ISINK=20mA
0.1
0.4
Low
VOL
ISINK=200mA
1.6
2.2
V
ISINK=20mA
13
13.5
Output Voltage
High
VOH
ISINK=200mA
12
13.4
V
Output Voltage with UVLO Activated
VOL(UVLO)VCC=6.0V, ISINK=1.0mA
0.1
1.1
V
Output Voltage Rise Time
tR
CL=1.0nF,TJ=25°C
50
150
ns
Output Voltage Fall Time
tF
CL=1.0nF,TJ=25°C
50
150
ns
UNDERVOLTAGE LOCKOUT SECTION
UC3844
14.5
16.0
17.5
Startup Threshold
UC3845
VTHR
7.8
8.4
9.0
V
UC3844
8.5
10.0
11.5
Minimum Operating
Voltage After Turn-On
UC3845
VCC(MIN)
7.0
7.6
8.2
V
PWM SECTION
Max
DCMAX
47
48
50
%
Duty Cycle
Min
DCMIN
0
%
TOTAL DEVICE
Power Supply Zener Voltage
VZ
ICC=25mA
30
36
-
V
UC3845
VCC=6.5V
0.5
1.0
Power Supply Current
(Note 4)
UC3844
ICC
VCC=14V
12
17
mA
Note: 1. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient
as possible.
2. This parameter is measured at the latch trip point with VFB=0V.
3. Comparator gain is defined as:
ΔV Output Compensation
AV=
ΔV Current Sense Input
4. Adjust VCC above the startup threshold before setting to 15V.


Podobny numer części - UC3845-D08-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
UC3845 STMICROELECTRONICS-UC3845 Datasheet
96Kb / 11P
   CURRENTMODE PWM CONTROLLER
logo
Texas Instruments
UC3845 TI-UC3845 Datasheet
433Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
Fairchild Semiconductor
UC3845 FAIRCHILD-UC3845 Datasheet
127Kb / 12P
   SMPS Controller
logo
Texas Instruments
UC3845 TI-UC3845 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC3845 TI-UC3845 Datasheet
720Kb / 24P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
More results

Podobny opis - UC3845-D08-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2843B UTC-UC2843B_13 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2843B UTC-UC2843B Datasheet
210Kb / 9P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com