Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N4401-T92-K Arkusz danych(PDF) 4 Page - Unisonic Technologies

Numer części 2N4401-T92-K
Szczegółowy opis  NPN GENERAL PURPOSE AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N4401-T92-K Arkusz danych(HTML) 4 Page - Unisonic Technologies

  2N4401-T92-K Datasheet HTML 1Page - Unisonic Technologies 2N4401-T92-K Datasheet HTML 2Page - Unisonic Technologies 2N4401-T92-K Datasheet HTML 3Page - Unisonic Technologies 2N4401-T92-K Datasheet HTML 4Page - Unisonic Technologies 2N4401-T92-K Datasheet HTML 5Page - Unisonic Technologies 2N4401-T92-K Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2N4401
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R201-052,B
TYPICAL CHARACTERISTICS
0.1
1
10
100 300
200
0
Collector Current, IC (mA)
Typical Pulsed Current Gain
vs Collector Current
0.1
100
0.3
100
110
500
Collector-Emitter Saturation Voltage
vs Collector Current
0.2
0.3
3
30
300
400
500
VCE =5V
125℃
25℃
-40℃
0.4
Collector Current, IC (mA)
125℃
25℃
-40℃
β
=10
0.4
0.8
100
110
500
Base-Emitter Saturation Voltage
vs Collector Current
0.6
1
Collector Current, IC (mA)
125℃
25℃
-40℃
β
=10
0.4
0.8
10
0.1
1
25
Base-Emitter On Voltage
vs Collector Current
0.6
1
Collector Current, IC(mA)
125℃
25℃
-40℃
VCE =5V
0.2
Ambient Temperature, TA(℃)
Collector-Cutoff Current
vs Ambient Temperature
500
0.1
75
25
50
100
125
150
100
1
10
VCB=40V
0.1
1
10
100
12
4
Reverse Bias Voltage(V)
Emitter Transition and Output
Capacitance vs Reverse Bias Voltage
8
16
20
f=1MHz
Cte
Cob


Podobny numer części - 2N4401-T92-K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
2N4401-T92-K UTC-2N4401-T92-K Datasheet
212Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER
More results

Podobny opis - 2N4401-T92-K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com