Zakładka z wyszukiwarką danych komponentów |
|
CD4066BCN Arkusz danych(PDF) 1 Page - Fairchild Semiconductor |
|
CD4066BCN Arkusz danych(HTML) 1 Page - Fairchild Semiconductor |
1 / 9 page © 2005 Fairchild Semiconductor Corporation DS005665 www.fairchildsemi.com November 1983 Revised October 2005 CD4066BC Quad Bilateral Switch General Description The CD4066BC is a quad bilateral switch intended for the transmission or multiplexing of analog or digital signals. It is pin-for-pin compatible with CD4016BC, but has a much lower “ON” resistance, and “ON” resistance is relatively constant over the input-signal range. Features s Wide supply voltage range 3V to 15V s High noise immunity 0.45 VDD (typ.) s Wide range of digital and ±7.5 V PEAK analog switching s “ON” resistance for 15V operation 80 Ω s Matched “ON” resistance ∆R ON = 5Ω (typ.) over 15V signal input s “ON” resistance flat over peak-to-peak signal range s High “ON”/“OFF” 65 dB (typ.) output voltage ratio @ fis = 10 kHz, RL = 10 kΩ s Control Line Biasing: Switch On (Logic 1), VC = VDD Switch Off (Logic 0), VC = VSS s High degree linearity 0.1% distortion (typ.) High degree linearity @ fis = 1 kHz, Vis = 5Vp-p, High degree linearity VDD−VSS = 10V, RL = 10 kΩ s Extremely low “OFF” 0.1 nA (typ.) switch leakage: @ VDD−VSS = 10V, TA = 25°C s Extremely high control input impedance 1012 Ω(typ.) s Low crosstalk −50 dB (typ.) between switches @ fis = 0.9 MHz, RL = 1 kΩ s Frequency response, switch “ON” 40 MHz (typ.) Applications • Analog signal switching/multiplexing • Signal gating • Squelch control • Chopper • Modulator/Demodulator • Commutating switch • Digital signal switching/multiplexing • CMOS logic implementation • Analog-to-digital/digital-to-analog conversion • Digital control of frequency, impedance, phase, and analog-signal-gain Ordering Code: Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code. Connection Diagram Schematic Diagram Order Number Package Number Package Description CD4066BCM M14A 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow CD4066BCSJ M14D Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide CD4066BCN N14A 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide |
Podobny numer części - CD4066BCN |
|
Podobny opis - CD4066BCN |