Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SC2688-X-T60-A-K Arkusz danych(PDF) 3 Page - Unisonic Technologies

Numer części 2SC2688-X-T60-A-K
Szczegółowy opis  NPN SILICON TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC2688-X-T60-A-K Arkusz danych(HTML) 3 Page - Unisonic Technologies

  2SC2688-X-T60-A-K Datasheet HTML 1Page - Unisonic Technologies 2SC2688-X-T60-A-K Datasheet HTML 2Page - Unisonic Technologies 2SC2688-X-T60-A-K Datasheet HTML 3Page - Unisonic Technologies 2SC2688-X-T60-A-K Datasheet HTML 4Page - Unisonic Technologies 2SC2688-X-T60-A-K Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC2688
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R204-023,A
BURNOUT TEST CIRCUIT BY DISCHARGE OF CAPACITOR
VD
C=2 300pF
T.U.T
Open Collector
SW.
TEST CONDITION
1. E-B reverse bias
2.C=2300pF
3. Apply on shot pulse to T.U.T.
(Transistor Under the Test) by SW.
JUDGEMENT
Reject; BVEBO waveform defect
As a result if T.U.T. is not rejected,
apply higher voltage to capacitor and
test again.


Podobny numer części - 2SC2688-X-T60-A-K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SeCoS Halbleitertechnol...
2SC2688-K SECOS-2SC2688-K Datasheet
311Kb / 2P
   0.2A, 300V NPN Plastic Encapsulated Transistor
2SC2688-L SECOS-2SC2688-L Datasheet
311Kb / 2P
   0.2A, 300V NPN Plastic Encapsulated Transistor
logo
Nanjing International G...
2SC2688-TU DGNJDZ-2SC2688-TU Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
More results

Podobny opis - 2SC2688-X-T60-A-K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com